Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256PZ-90 Datasheet(PDF) 8 Page - Rochester Electronics

Part # X28HC256PZ-90
Description  LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

X28HC256PZ-90 Datasheet(HTML) 8 Page - Rochester Electronics

Back Button X28HC256PZ-90 Datasheet HTML 4Page - Rochester Electronics X28HC256PZ-90 Datasheet HTML 5Page - Rochester Electronics X28HC256PZ-90 Datasheet HTML 6Page - Rochester Electronics X28HC256PZ-90 Datasheet HTML 7Page - Rochester Electronics X28HC256PZ-90 Datasheet HTML 8Page - Rochester Electronics X28HC256PZ-90 Datasheet HTML 9Page - Rochester Electronics X28HC256PZ-90 Datasheet HTML 10Page - Rochester Electronics X28HC256PZ-90 Datasheet HTML 11Page - Rochester Electronics X28HC256PZ-90 Datasheet HTML 12Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
7
FN8108.2
May 7, 2007
The Toggle Bit I/O6
¬
The Toggle Bit can eliminate the chore of saving and fetching
the last address and data in order to implement DATA Polling.
This can be especially helpful in an array comprised of
multiple X28HC256 memories that is frequently updated.
The timing diagram in Figure 4 illustrates the sequence of
events on the bus. The software flow diagram in Figure 5
illustrates a method for polling the Toggle Bit.
Hardware Data Protection
The X28HC256 provides two hardware features that protect
nonvolatile data from inadvertent writes.
• Default VCC Sense—All write functions are inhibited when
VCC is 3.5V typically.
• Write Inhibit—Holding either OE LOW, WE HIGH, or CE
HIGH will prevent an inadvertent write cycle during power-
up and power-down, maintaining data integrity.
Software Data Protection
The X28HC256 offers a software-controlled data protection
feature. The X28HC256 is shipped from Intersil with the
software data protection NOT ENABLED; that is, the device
will be in the standard operating mode. In this mode data
should be protected during power-up/down operations
through the use of external circuits. The host would then
have open read and write access of the device once VCC
was stable.
The X28HC256 can be automatically protected during
power-up and power-down (without the need for external
circuits) by employing the software data protection feature.
The internal software data protection circuit is enabled after
the first write operation, utilizing the software algorithm. This
circuit is nonvolatile, and will remain set for the life of the
device unless the reset command is issued.
Once the software protection is enabled, the X28HC256 is
also protected from inadvertent and accidental writes in the
powered-up state. That is, the software algorithm must be
issued prior to writing additional data to the device.
CE
OE
WE
X28C512, X28C513
LAST
WRITE
I/O6
HIGH Z
*
*
VOH
VOL
READY
* I/O6 Beginning and ending state of I/O6 will vary.
FIGURE 4. TOGGLE BIT BUS SEQUENCE
COMPARE
X28C256
NO
YES
OK?
COMPARE
ACCUM WITH
ADDR n
LOAD ACCUM
FROM ADDR n
LAST WRITE
READY
YES
FIGURE 5. TOGGLE BIT SOFTWARE FLOW
X28HC256


Similar Part No. - X28HC256PZ-90

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256PZ-90 INTERSIL-X28HC256PZ-90 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
X28HC256PZ-90 INTERSIL-X28HC256PZ-90 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Renesas Technology Corp
X28HC256PZ-90 RENESAS-X28HC256PZ-90 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256PZ-90

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
ATMEL Corporation
AT28HC64BF ATMEL-AT28HC64BF_09 Datasheet
373Kb / 16P
   64K High Speed Parallel EEPROM with Page Write and Sfotware Data Protection
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com