Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256P-90 Datasheet(PDF) 6 Page - Rochester Electronics

Part # X28HC256P-90
Description  LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

X28HC256P-90 Datasheet(HTML) 6 Page - Rochester Electronics

Back Button X28HC256P-90 Datasheet HTML 2Page - Rochester Electronics X28HC256P-90 Datasheet HTML 3Page - Rochester Electronics X28HC256P-90 Datasheet HTML 4Page - Rochester Electronics X28HC256P-90 Datasheet HTML 5Page - Rochester Electronics X28HC256P-90 Datasheet HTML 6Page - Rochester Electronics X28HC256P-90 Datasheet HTML 7Page - Rochester Electronics X28HC256P-90 Datasheet HTML 8Page - Rochester Electronics X28HC256P-90 Datasheet HTML 9Page - Rochester Electronics X28HC256P-90 Datasheet HTML 10Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5
FN8108.2
May 7, 2007
Device Operation
Read
Read operations are initiated by both OE and CE LOW. The
read operation is terminated by either CE or OE returning
HIGH. This two line control architecture eliminates bus
contention in a system environment. The data bus will be in
a high impedance state when either OE or CE is HIGH.
Write
Write operations are initiated when both CE and WE are
LOW and OE is HIGH. The X28HC256 supports both a CE
and WE controlled write cycle. That is, the address is latched
by the falling edge of either CE or WE, whichever occurs
last. Similarly, the data is latched internally by the rising edge
of either CE or WE, whichever occurs first. A byte write
operation, once initiated, will automatically continue to
completion, typically within 3ms.
Page Write Operation
The page write feature of the X28HC256 allows the entire
memory to be written in typically 0.8 seconds. Page write
allows up to one hundred twenty-eight bytes of data to be
consecutively written to the X28HC256, prior to the
commencement of the internal programming cycle. The host
can fetch data from another device within the system during
a page write operation (change the source address), but the
page address (A7 through A14) for each subsequent valid
write cycle to the part during this operation must be the same
as the initial page address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host can
write an additional one to one hundred twenty-seven bytes in
the same manner as the first byte was written. Each
successive byte load cycle, started by the WE HIGH to LOW
transition, must begin within 100µs of the falling edge of the
preceding WE. If a subsequent WE HIGH to LOW transition
is not detected within 100µs, the internal automatic
programming cycle will commence. There is no page write
window limitation. Effectively the page write window is
infinitely wide, so long as the host continues to access the
device within the byte load cycle time of 100µs.
Write Operation Status Bits
The X28HC256 provides the user two write operation status
bits. These can be used to optimize a system write cycle
time. The status bits are mapped onto the I/O bus as shown
in Figure 1.
DATA Polling (I/O7)
The X28HC256 features DATA Polling as a method to indicate
to the host system that the byte write or page write cycle has
completed. DATA Polling allows a simple bit test operation to
determine the status of the X28HC256. This eliminates
additional interrupt inputs or external hardware. During the
internal programming cycle, any attempt to read the last byte
written will produce the complement of that data on I/O7 (i.e.,
write data = 0xxx xxxx, read data = 1xxx xxxx). Once the
programming cycle is complete, I/O7 will reflect true data.
Toggle Bit (I/O6)
The X28HC256 also provides another method for
determining when the internal write cycle is complete. During
the internal programming cycle I/O6 will toggle from HIGH to
LOW and LOW to HIGH on subsequent attempts to read the
device. When the internal cycle is complete the toggling will
cease, and the device will be accessible for additional read
and write operations.
Pin Names
SYMBOL
DESCRIPTION
A0 to A14
Address Inputs
I/O0 to I/O7
Data Input/Output
WE
Write Enable
CE
Chip Enable
OE
Output Enable
VCC
+5V
VSS
Ground
NC
No Connect
5
TB
DP
43
21
0
I/O
RESERVED
TOGGLE BIT
DATA POLLING
FIGURE 1. STATUS BIT ASSIGNMENT
X28HC256


Similar Part No. - X28HC256P-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256P-90 XICOR-X28HC256P-90 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256P-90 INTERSIL-X28HC256P-90 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256P-90

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
ATMEL Corporation
AT28HC64BF ATMEL-AT28HC64BF_09 Datasheet
373Kb / 16P
   64K High Speed Parallel EEPROM with Page Write and Sfotware Data Protection
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com