Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.5SMC300A-E3-57T Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. 1.5SMC300A-E3-57T
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

1.5SMC300A-E3-57T Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1.5SMC Series
www.vishay.com
Vishay General Semiconductor
Revision: 14-Dec-12
2
Document Number: 88303
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE CA62.35
(4) For bi-directional types with VR of 10 V and less, the ID limit is doubled
(5) VF = 3.5 V at IF = 100 A (uni-directional only)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (4)
(μA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(%/°C)
UNI
BI
MIN.
MAX.
1.5SMC6.8A
6V8A
6V8C
6.45
7.14
10
5.80
1000
143
10.5
0.057
1.5SMC7.5A
7V5A
7V5C
7.13
7.88
10
6.40
500
133
11.3
0.061
1.5SMC8.2A
8V2A
8V2C
7.79
8.61
10
7.02
200
124
12.1
0.065
1.5SMC9.1A
9V1A
9V1C
8.65
9.55
1.0
7.78
50
112
13.4
0.068
1.5SMC10A
10A
10C
9.50
10.5
1.0
8.55
10
103
14.5
0.073
1.5SMC11A
11A
11C
10.5
11.6
1.0
9.40
5.0
96.2
15.6
0.075
1.5SMC12A
12A
12C
11.4
12.6
1.0
10.2
5.0
89.8
16.7
0.078
1.5SMC13A
13A
13C
12.4
13.7
1.0
11.1
5.0
82.4
18.2
0.081
1.5SMC15A
15A
15C
14.3
15.8
1.0
12.8
1.0
70.8
21.2
0.084
1.5SMC16A
16A
16C
15.2
16.8
1.0
13.6
1.0
66.7
22.5
0.086
1.5SMC18A
18A
18C
17.1
18.9
1.0
15.3
1.0
59.5
25.2
0.089
1.5SMC20A
20A
20C
19.0
21.0
1.0
17.1
1.0
54.2
27.7
0.090
1.5SMC22A
22A
22C
20.9
23.1
1.0
18.8
1.0
49.0
30.6
0.092
1.5SMC24A
24A
24C
22.8
25.2
1.0
20.5
1.0
45.2
33.2
0.090
1.5SMC27A
27A
27C
25.7
28.4
1.0
23.1
1.0
40.0
37.5
0.096
1.5SMC30A
30A
30C
28.5
31.5
1.0
25.6
1.0
36.2
41.4
0.097
1.5SMC33A
33A
33C
31.4
34.7
1.0
28.2
1.0
32.8
45.7
0.098
1.5SMC36A
36A
36C
34.2
37.8
1.0
30.8
1.0
30.1
49.9
0.099
1.5SMC39A
39A
39C
37.1
41.0
1.0
33.3
1.0
27.8
53.9
0.100
1.5SMC43A
43A
43C
40.9
45.2
1.0
36.8
1.0
25.3
59.3
0.101
1.5SMC47A
47A
47C
44.7
49.4
1.0
40.2
1.0
23.1
64.8
0.101
1.5SMC51A
51A
51C
48.5
53.6
1.0
43.6
1.0
21.4
70.1
0.102
1.5SMC56A
56A
56C
53.2
58.8
1.0
47.8
1.0
19.5
77.0
0.103
1.5SMC62A
62A
62C
58.9
65.1
1.0
53.0
1.0
17.6
85.0
0.104
1.5SMC68A
68A
68C
64.6
71.4
1.0
58.1
1.0
16.3
92.0
0.104
1.5SMC75A
75A
75C
71.3
78.8
1.0
64.1
1.0
14.6
104
0.105
1.5SMC82A
82A
82C
77.9
86.1
1.0
70.1
1.0
13.3
113
0.105
1.5SMC91A
91A
91C
86.5
95.5
1.0
77.8
1.0
12.0
125
0.106
1.5SMC100A
100A
100C
95.0
105
1.0
85.5
1.0
10.9
137
0.106
1.5SMC110A
110A
110C
105
116
1.0
94.0
1.0
9.9
152
0.107
1.5SMC120A
120A
120C
114
126
1.0
102
1.0
9.1
165
0.107
1.5SMC130A
130A
130C
124
137
1.0
111
1.0
8.4
179
0.107
1.5SMC150A
150A
150C
143
158
1.0
128
1.0
7.2
207
0.106
1.5SMC160A
160A
160C
152
168
1.0
136
1.0
6.8
219
0.108
1.5SMC170A
170A
170C
162
179
1.0
145
1.0
6.4
234
0.108
1.5SMC180A
180A
180C
171
189
1.0
154
1.0
6.1
246
0.108
1.5SMC200A
200A
200C
190
210
1.0
171
1.0
5.5
274
0.108
1.5SMC220A
220A
220C
209
231
1.0
185
1.0
4.6
328
0.108
1.5SMC250A
250A
-
237
263
1.0
214
1.0
4.4
344
0.110
1.5SMC300A
300A
-
285
315
1.0
256
1.0
3.6
414
0.110
1.5SMC350A
350A
-
333
368
1.0
300
1.0
3.1
482
0.110
1.5SMC400A
400A
-
380
420
1.0
342
1.0
2.7
548
0.110
1.5SMC440A
440A
-
418
462
1.0
376
1.0
2.5
602
0.110
1.5SMC480A
480A
-
456
504
1.0
408
1.0
2.28
658
0.110
1.5SMC510A
510A
-
485
535
1.0
434
1.0
2.15
698
0.110
1.5SMC540A
540A
-
513
567
1.0
459
1.0
2.03
740
0.110


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn