Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.5KE12A-E3-73 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 1.5KE12A-E3-73
Description  TRANSZORB® Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

1.5KE12A-E3-73 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.5KE6.8 thru 1.5KE540A, 1N6267 thru 1N6303
Vishay General Semiconductor
Document Number: 88301
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE CA62.35
(4) For bi-directional types with VR 10 V and less the ID limit is doubled
*
Bi-directional versions are UL approved under component across the line protection, ULV1414 file number E108274 (1.5KE200CA,
1.5KE220CA)
(+) Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional devices
1N6293
(+)1.5KE82
73.8
90.2
1.0
66.4
1.0
12.7
118
0.105
1N6293A
(+)1.5KE82A
77.9
86.1
1.0
70.1
1.0
13.3
113
0.105
1N6294
(+)1.5KE91
81.9
100.0
1.0
73.7
1.0
11.5
131
0.106
1N6294A
(+)1.5KE91A
86.5
95.5
1.0
77.8
1.0
12.0
125
0.106
1N6295
(+)1.5KE100
90.0
110
1.0
81.0
1.0
10.4
144
0.106
1N6295A
(+)1.5KE100A
95.0
105
1.0
85.5
1.0
10.9
137
0.106
1N6296
(+)1.5KE110
99.0
121
1.0
89.2
1.0
9.5
158
0.107
1N6296A
(+)1.5KE 110A
105
116
1.0
94.0
1.0
9.9
152
0.107
1N6297
(+)1.5KE120
108
132
1.0
97.2
1.0
8.7
173
0.107
1N6297A
(+)1.5KE120A
114
126
1.0
102
1.0
9.1
165
0.107
1N6298
(+)1.5KE130
117
143
1.0
105
1.0
8.0
187
0.107
1N6298A
(+)1.5KE130A
124
137
1.0
111
1.0
8.4
179
0.107
1N6299
(+)1.5KE150
136
165
1.0
121
1.0
7.0
215
0.108
1N6299A
(+)1.5KE150A
143
158
1.0
128
1.0
7.2
207
0.106
1N6300
(+)1.5KE160
144
176
1.0
130
1.0
6.5
230
0.106
1N6300A
(+)1.5KE160A
152
168
1.0
136
1.0
6.8
219
0.108
1N6301
(+)1.5KE170
153
187
1.0
138
1.0
6.1
244
0.108
1N6301A
(+)1.5KE170A
162
179
1.0
145
1.0
6.4
234
0.108
1N6302
1.5KE180
162
198
1.0
146
1.0
5.8
258
0.108
1N6302A
1.5KE180A
171
189
1.0
154
1.0
6.1
246
0.108
1N6303
1.5KE200
180
220
1.0
162
1.0
5.2
287
0.108
1N6303A
1.5KE200A*
190
210
1.0
171
1.0
5.5
274
0.108
1.5KE220
198
242
1.0
175
1.0
4.4
344
0.108
1.5KE220A*
209
231
1.0
185
1.0
4.6
328
0.108
1.5KE250
225
275
1.0
202
1.0
4.2
360
0.110
1.5KE250A
237
263
1.0
214
1.0
4.4
344
0.110
1.5KE300
270
330
1.0
243
1.0
3.5
430
0.110
1.5KE300A
285
315
1.0
256
1.0
3.6
414
0.110
1.5KE350
315
385
1.0
284
1.0
3.0
504
0.110
1.5KE350A
333
368
1.0
300
1.0
3.1
482
0.110
1.5KE400
360
440
1.0
324
1.0
2.6
574
0.110
1.5KE400A
380
420
1.0
342
1.0
2.7
548
0.110
1.5KE440
396
484
1.0
356
1.0
2.4
631
0.110
1.5KE440A
418
462
1.0
376
1.0
2.5
602
0.110
1.5KE480
432
528
1.0
389
1.0
2.19
686
0.110
1.5KE480A
456
504
1.0
408
1.0
2.28
658
0.110
1.5KE510
459
561
1.0
413
1.0
2.06
729
0.110
1.5KE510A
485
535
1.0
434
1.0
2.15
698
0.110
1.5KE540
486
594
1.0
437
1.0
1.94
772
0.110
1.5KE540A
513
567
1.0
459
1.0
2.03
740
0.110
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
JEDEC
TYPE
NUMBER
GENERAL
SEMICONDUCTOR
PART NUMBER
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(4) (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMP.
COEFFICIENT
OF VBR
(%/°C)
MIN.
MAX.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn