Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1.5KE12A-E3-73 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. 1.5KE12A-E3-73
Description  TRANSZORB® Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

1.5KE12A-E3-73 Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.5KE6.8 thru 1.5KE540A, 1N6267 thru 1N6303
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88301
Revision: 22-Oct-08
5
Figure 5. Power Derating Curve
Figure 6. Maximum Non-Repetitive Forward Surge Current
Uni-Directional only
Figure 7. Incremental Clamping Voltage Curve (Uni-Directional)
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
200
TL - Lead Temperature (°C)
L = 0.375" (9.5 mm)
Lead Lengths
1
10
100
10
100
200
T
J = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.5
1
2
10
20
50
0.1
0.2
1.0
2.0
10
20
100
Waveform:
8/20 µsImpulse
1.5KE200
1.5KE6.8
1.5KE9.1
1.5KE18
1.5KE12
1.5KE130
1.5KE100
1.5KE75
1.5KE39
1.5KE33
IPP - Peak Pulse Current (A)
ΔV
C = VC - VBR
Figure 8. Incremental Clamping Voltage Curve (Uni-Directional)
Figure 9. Incremental Clamping Voltage Curve (Bi-directional)
Figure 10. Incremental Clamping Voltage Curve (Bi-Directional)
0.5
1
2
10
50
0.1
0.2
1.0
2.0
10
20
100
Waveform:
10/1000 µs Impulse
ΔV
C = VC - VBR
1.5KE200
1.5KE130
1.5KE75
1.5KE39
1.5KE33
1.5KE6.8
1.5KE9.1
IPP - Peak Pulse Current (A)
0.5
1
2
10
20
50
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE15C
11C
1.5KE7.5C
1.5KE30C
0.1
0.2
1.0
2.0
10
20
100
Waveform:
10/1000 µsImpulse
IPP - Peak Pulse Current (A)
ΔV
C = VC - VBR
0.5
1
2.0
10
20
50
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE15C
1.5KE11C
1.5KE7.5C
1.5KE30C
0.1
0.2
1
2
10
20
100
IPP - Peak Pulse Current (A)
Waveform:
8/20 µsImpulse
ΔV
C = VC - VBR


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn