Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB1P50 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQB1P50
Description  500V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB1P50 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQB1P50 Datasheet HTML 1Page - Fairchild Semiconductor FQB1P50 Datasheet HTML 2Page - Fairchild Semiconductor FQB1P50 Datasheet HTML 3Page - Fairchild Semiconductor FQB1P50 Datasheet HTML 4Page - Fairchild Semiconductor FQB1P50 Datasheet HTML 5Page - Fairchild Semiconductor FQB1P50 Datasheet HTML 6Page - Fairchild Semiconductor FQB1P50 Datasheet HTML 7Page - Fairchild Semiconductor FQB1P50 Datasheet HTML 8Page - Fairchild Semiconductor FQB1P50 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2000 Fairchild Semiconductor International
Rev. A2, December 2000
Charge
V
GS
-10V
Qg
Q
gs
Q
gd
-3mA
V
GS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
-10V
Qg
Q
gs
Q
gd
-3mA
V
GS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
VDS
VGS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
-10V
V
DS
R
L
DUT
R
G
V
GS
VDS
VGS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
-10V
V
DS
R
L
DUT
R
G
V
GS
E
AS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BVDSS
V
DD
V
DS
BVDSS
t
p
V
DD
I
AS
VDS (t)
ID (t)
Time
-10V
DUT
RG
L
I
D
t
p
E
AS =L IAS
2
----
2
1
E
AS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
V
DD
V
DS
BVDSS
t
p
V
DD
I
AS
VDS (t)
ID (t)
Time
-10V
DUT
RG
L
L
I
D
I
D
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FQB1P50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB1P50 FAIRCHILD-FQB1P50 Datasheet
726Kb / 9P
   P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
FQB1P50TM FAIRCHILD-FQB1P50TM Datasheet
726Kb / 9P
   P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
More results

Similar Description - FQB1P50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD3P50TM FAIRCHILD-FQD3P50TM Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQD1P50TF FAIRCHILD-FQD1P50TF Datasheet
696Kb / 9P
   500V P-Channel MOSFET
FQD1P50 FAIRCHILD-FQD1P50 Datasheet
569Kb / 9P
   500V P-Channel MOSFET
FQB3P50 FAIRCHILD-FQB3P50 Datasheet
645Kb / 9P
   500V P-Channel MOSFET
FQB3P50TM FAIRCHILD-FQB3P50TM Datasheet
651Kb / 9P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50_09 Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQPF3P50 FAIRCHILD-FQPF3P50 Datasheet
620Kb / 8P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50 Datasheet
638Kb / 9P
   500V P-Channel MOSFET
FQPF1P50 FAIRCHILD-FQPF1P50 Datasheet
564Kb / 8P
   500V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD1P50 KERSEMI-KSMD1P50 Datasheet
1Mb / 8P
   500V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com