Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC256EMB-90 Datasheet(PDF) 9 Page - Rochester Electronics

Part # X28HC256EMB-90
Description  LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

X28HC256EMB-90 Datasheet(HTML) 9 Page - Rochester Electronics

Back Button X28HC256EMB-90 Datasheet HTML 5Page - Rochester Electronics X28HC256EMB-90 Datasheet HTML 6Page - Rochester Electronics X28HC256EMB-90 Datasheet HTML 7Page - Rochester Electronics X28HC256EMB-90 Datasheet HTML 8Page - Rochester Electronics X28HC256EMB-90 Datasheet HTML 9Page - Rochester Electronics X28HC256EMB-90 Datasheet HTML 10Page - Rochester Electronics X28HC256EMB-90 Datasheet HTML 11Page - Rochester Electronics X28HC256EMB-90 Datasheet HTML 12Page - Rochester Electronics X28HC256EMB-90 Datasheet HTML 13Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
8
FN8108.2
May 7, 2007
Software Algorithm
Selecting the software data protection mode requires the
host system to precede data write operations by a series of
three write operations to three specific addresses. Refer to
Figure 6 and 7 for the sequence. The three-byte sequence
opens the page write window, enabling the host to write from
one to one hundred twenty-eight bytes of data. Once the
page load cycle has been completed, the device will
automatically be returned to the data protected state.
Software Data Protection
Regardless of whether the device has previously been
protected or not, once the software data protection algorithm
is used and data has been written, the X28HC256 will
automatically disable further writes unless another command
is issued to cancel it. If no further commands are issued the
X28HC256 will be write protected during power-down and
after any subsequent power-up.
Note: Once initiated, the sequence of write operations
should not be interrupted.
CE
WE
(VCC)
WRITE
PROTECTED
VCC
0V
DATA
ADDRESS
AAA
5555
55
2AAA
A0
5555
≤tBLC MAX
WRITES
OK
BYTE
OR
AGE
tWC
FIGURE 6. TIMING SEQUENCE—BYTE OR PAGE WRITE
WRITE LAST
WRITE DATA XX
TO ANY
WRITE DATA A0
TO ADDRESS
5555
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA AA
TO ADDRESS
5555
AFTER tWC
RE-ENTERS DATA
PROTECTED STATE
BYTE TO
LAST ADDRESS
ADDRESS
OPTIONAL
BYTE/PAGE
LOAD OPERATION
BYTE/PAGE
LOAD ENABLED
FIGURE 7. WRITE SEQUENCE FOR SOFTWARE DATA
X28HC256


Similar Part No. - X28HC256EMB-90

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256EMB-90 XICOR-X28HC256EMB-90 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256EMB-90 INTERSIL-X28HC256EMB-90 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256EMB-90

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
ATMEL Corporation
AT28HC64BF ATMEL-AT28HC64BF_09 Datasheet
373Kb / 16P
   64K High Speed Parallel EEPROM with Page Write and Sfotware Data Protection
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com