Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S80C196KC-20 Datasheet(PDF) 11 Page - Rochester Electronics

Part # S80C196KC-20
Description  POWERFUL MICROCONTROLLER for use in the automotive market
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

S80C196KC-20 Datasheet(HTML) 11 Page - Rochester Electronics

Back Button S80C196KC-20 Datasheet HTML 7Page - Rochester Electronics S80C196KC-20 Datasheet HTML 8Page - Rochester Electronics S80C196KC-20 Datasheet HTML 9Page - Rochester Electronics S80C196KC-20 Datasheet HTML 10Page - Rochester Electronics S80C196KC-20 Datasheet HTML 11Page - Rochester Electronics S80C196KC-20 Datasheet HTML 12Page - Rochester Electronics S80C196KC-20 Datasheet HTML 13Page - Rochester Electronics S80C196KC-20 Datasheet HTML 14Page - Rochester Electronics S80C196KC-20 Datasheet HTML 15Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
8XC196KC/8XC196KC20
DC CHARACTERISTICS (Over Specified Operating Conditions)
(Continued)
Symbol Description
Min
Typ Max
Units TestConditions
VOH1
Output High Voltage
VCC b 0.3
V
IOH eb10 mA
(Quasi-bidirectional Outputs)
VCC b 0.7
V
IOH eb30 mA
VCC b 1.5
V
IOH eb60 mA
IOH1
Logical 1 Output Current in Reset.
b
0.8
mA VIH e VCC b 1.5V
on P2.0. Do not exceed this
or device may enter test modes.
IIL2
Logical 0 Input Current in Reset
TBD
mA VIN e 0.45V
on P2.0. Maximum current that
must be sunk by external
device to ensure test mode entry.
IIH1
Logical 1 Input Current.
a
200 mAVIN e VCC e 2.4V
Maximum current that external
device must source to initiate NMI.
ILI
Input Leakage Current (Std. Inputs)
g
10
m
A0 k VIN k VCC b 0.3V
ILI1
Input Leakage Current (Port 0)
g
3
m
A0 k VIN k VREF
ITL
1 to 0 Transition Current (QBD Pins)
b
650
m
AVIN e 2.0V
IIL
Logical 0 Input Current (QBD Pins)
b
70
m
AVIN e 0.45V
IIL1
Ports 3 and 4 in Reset
b
70
m
AVIN e 0.45V
ICC
Active Mode Current in Reset
65
75
mA XTAL1 e 16 MHz
(8XC196KC)
VCC e VPP e VREF e 5.5V
ICC
Active Mode Current in Reset
80
92
mA XTAL1 e 20 MHz
(8XC196KC20)
VCC e VPP e VREF e 5.5V
IIDLE
Idle Mode Current (8XC196KC)
17
25
mA XTAL1 e 16 MHz
VCC e VPP e VREF e 5.5V
IIDLE
Idle Mode Current (8XC196KC20)
21
30
mA XTAL1 e 20 MHz
VCC e VPP e VREF e 5.5V
IPD
Powerdown Mode Current
8
15
m
AVCC e VPP e VREF e 5.5V
IREF
A/D Converter Reference Current
2
5
mA VCC e VPP e VREF e 5.5V
RRST
Reset Pullup Resistor
6K
65K
X
VCC e 5.5V, VIN e 4.0V
CS
Pin Capacitance (Any Pin to VSS)10
pF
NOTES
:
1. All pins except RESET and XTAL1.
2. Violating these specifications in Reset may cause the part to enter test modes.
3. Commercial specifications apply to express parts except where noted.
4. QBD (Quasi-bidirectional) pins include Port 1, P2.6 and P2.7.
5. Standard Outputs include AD0±15, RD,WR, ALE, BHE, INST, HSO pins, PWM/P2.5, CLKOUT, RESET, Ports 3 and 4,
TXD/P2.0 and RXD (in serial mode 0). The VOH specification is not valid for RESET. Ports 3 and 4 are open-drain outputs.
6. Standard Inputs include HSI pins, READY, BUSWIDTH, RXD/P2.1, EXTINT/P2.2, T2CLK/P2.3 and T2RST/P2.4.
7. Maximum current per pin must be externally limited to the following values if VOL is held above 0.45V or VOH is held
below VCC b 0.7V:
IOL on Output pins: 10 mA
IOH on quasi-bidirectional pins: self limiting
IOH on Standard Output pins: 10 mA
8. Maximum current per bus pin (data and control) during normal operation is g3.2 mA.
9. During normal (non-transient) conditions the following total current limits apply:
Port 1, P2.6
IOL:29mA
IOH is self limiting
HSO, P2.0, RXD, RESET IOL:29mA
IOH:26mA
P2.5, P2.7, WR, BHE
IOL:13mA
IOH:11mA
AD0±AD15
IOL:52mA
IOH:52mA
RD, ALE, INST±CLKOUT IOL:13mA
IOH:13mA
10


Similar Part No. - S80C196KC-20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C196KC INTEL-S80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
S80C196KC20 INTEL-S80C196KC20 Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results

Similar Description - S80C196KC-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
FCI connector
59453-041110EDHLF FCI-CONNECTOR-59453-041110EDHLF Datasheet
2Mb / 22P
   Selection of connectors for the Non-Automotive Transportation Market
logo
List of Unclassifed Man...
N567KXXX ETC2-N567KXXX Datasheet
638Kb / 15P
   powerful microcontroller (uC)
N567K081 ETC2-N567K081 Datasheet
519Kb / 11P
   powerful microcontroller (uC)
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
RF Monolithics, Inc
DM1810-434-XK RFM-DM1810-434-XK Datasheet
95Kb / 1P
   ETSI-certified for the European market
logo
Panasonic Semiconductor
AN3275SB PANASONIC-AN3275SB Datasheet
124Kb / 15P
   CM detection IC for VCRs in the North American market
logo
NEC
T120B-M NEC-T120B-M Datasheet
872Kb / 2P
   The powerful departmental server
logo
List of Unclassifed Man...
MINI-M4 ETC2-MINI-M4 Datasheet
1Mb / 16P
   The whole Stellaris짰 development board fitted in DIP40 form factor, containing powerful LX4F320H5QR microcontroller.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com