Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML6401PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML6401PBF
Description  Ultra Low On-Resistance, P-Channel MOSFET, SOT-23 Footprint
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML6401PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLML6401PBF_10 Datasheet HTML 1Page - International Rectifier IRLML6401PBF_10 Datasheet HTML 2Page - International Rectifier IRLML6401PBF_10 Datasheet HTML 3Page - International Rectifier IRLML6401PBF_10 Datasheet HTML 4Page - International Rectifier IRLML6401PBF_10 Datasheet HTML 5Page - International Rectifier IRLML6401PBF_10 Datasheet HTML 6Page - International Rectifier IRLML6401PBF_10 Datasheet HTML 7Page - International Rectifier IRLML6401PBF_10 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
75
100
°C/W
IRLML6401PbF
HEXFET® Power MOSFET
Thermal Resistance
VDSS = -12V
RDS(on) = 0.05Ω
05/13/10
www.irf.com
1
Parameter
Max.
Units
VDS
Drain- Source Voltage
-12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
-4.3
ID @ TA= 70°C
Continuous Drain Current, VGS @ -4.5V
-3.4
A
IDM
Pulsed Drain Current

-34
PD @TA = 25°C
Power Dissipation
1.3
PD @TA = 70°C
Power Dissipation
0.8
Linear Derating Factor
0.01
W/°C
EAS
Single Pulse Avalanche Energy
„
33
mJ
VGS
Gate-to-Source Voltage
± 8.0
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
These P-Channel MOSFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low on-
resistance per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that HEXFET®
power MOSFETs are well known for, provides the designer with
an extremely efficient and reliable device for use in battery and
load management.
A thermally enhanced large pad leadframe has been
incorporated into the standard SOT-23 package to produce a
HEXFET Power MOSFET with the industry's smallest footprint.
This package, dubbed the Micro3
™, is ideal for applications
where printed circuit board space is at a premium. The low
profile (<1.1mm) of the Micro3 allows it to fit easily into
extremely thin application environments such as portable
electronics and PCMCIA cards. The thermal resistance and
power dissipation are the best available.
Description
Micro3
6
* 

'

l Ultra Low On-Resistance
l P-Channel MOSFET
l SOT-23 Footprint
l Low Profile (<1.1mm)
l Available in Tape and Reel
l Fast Switching
l 1.8V Gate Rated
l Lead-Free
l Halogen-Free
PD - 94891B


Similar Part No. - IRLML6401PBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6401PBF-1 IRF-IRLML6401PBF-1 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF IRF-IRLML6401PBF_15 Datasheet
203Kb / 9P
   Ultra Low On-Resistance
More results

Similar Description - IRLML6401PBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF IRF-IRLML2502PBF_12 Datasheet
169Kb / 8P
   Ultra Low On-Resistance, N-Channel MOSFET, SOT-23 Footprint
IRF5800 IRF-IRF5800_03 Datasheet
114Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET
IRLML6302PBF IRF-IRLML6302PBF_07 Datasheet
285Kb / 8P
   technology, Ultra Low On-Resistance, P-Channel MOSFET
IRF7663PBF IRF-IRF7663PBF Datasheet
151Kb / 7P
   Trench Technology, Ultra Low On-Resistance, P-Channel MOSFET
IRF7750GPBF IRF-IRF7750GPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance Dual P-Channel MOSFET
IRF7331PBF IRF-IRF7331PBF_08 Datasheet
220Kb / 9P
   Ultra Low On-Resistance Dual N-Channel MOSFET
logo
Xian Semipower Electron...
SW417J SEMIPOWER-SW417J Datasheet
764Kb / 6P
   P-channel Enhanced mode SOT-23 MOSFET
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com