Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7170IBGT Datasheet(PDF) 4 Page - Rochester Electronics

Part # ICM7170IBGT
Description  Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

ICM7170IBGT Datasheet(HTML) 4 Page - Rochester Electronics

  ICM7170IBGT Datasheet HTML 1Page - Rochester Electronics ICM7170IBGT Datasheet HTML 2Page - Rochester Electronics ICM7170IBGT Datasheet HTML 3Page - Rochester Electronics ICM7170IBGT Datasheet HTML 4Page - Rochester Electronics ICM7170IBGT Datasheet HTML 5Page - Rochester Electronics ICM7170IBGT Datasheet HTML 6Page - Rochester Electronics ICM7170IBGT Datasheet HTML 7Page - Rochester Electronics ICM7170IBGT Datasheet HTML 8Page - Rochester Electronics ICM7170IBGT Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ICM7170
Specification Number ICM7170_IM (IL) REV -
Page 4 of 14
3
Absolute Maximum Ratings TA = 25oC
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Power Dissipation (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . .500mW
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65oC to 150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . .300oC
Input Voltage (Any Terminal) (Note 2) . . . . VDD +0.3V to VSS -0.3V
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
50
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
75
N/A
Maximum Junction Temperature
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Due to the SCR structure inherent in the CMOS process, connecting any terminal at voltages greater than VDD or less than VSS may cause destructive
device latchup. For this reason, it is recommended that no inputs from external sources not operating on the same power supply be applied to the
device before its supply is established, and that in multiple supply systems, the supply to the ICM7170 be turned on first.
Electrical Specifications TA = -40oC to 85oC, VDD +5V ±10%, VBACKUP VDD, VSS = 0V Unless Otherwise Specified
All IDD specifications include all input and output leakages (ICM7170 and ICM7170A)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD Supply Range, VDD
fOSC = 32kHz
1.9
-
5.5
V
fOSC = 1, 2, 4MHz
2.6
-
5.5
V
Standby Current, ISTBY(1)
fOSC = 32kHz
Pins 1 - 8,15 - 22 and 24 = VDD
ICM7170
-
1.2
20.0
µ
A
VDD = VSS; VBACKUP = VDD - 3.0V
For ICM7170A See General Notes 5
ICM7170A
-
1.2
5.0
µ
A
Standby Current, ISTBY(2)
fOSC = 4MHz Pins 1 - 8,15 - 22 and 24 = VDD
VDD = VSS; VBACKUP = VDD - 3.0V
-
20
150
µ
A
Operating Supply Current, IDD(1)
fOSC = 32kHz, Read/Write Operation at 100Hz
-
0.3
1.2
mA
Operating Supply Current, IDD(2)
fOSC = 32kHz, Read/Write Operation at 1MHz
-
1.0
2.0
mA
Input Low Voltage (Except Osc.), VIL
VDD = 5.0V
-
-
0.8
V
Input High Voltage (Except Osc.), VIH
VDD = 5.0V
2.4
-
-
V
Output Low Voltage (Except Osc.), VOL
IOL = 1.6mA
-
-
0.4
V
Output High Voltage Except
INTERRUPT (Except Osc.), VOH
IOH = -400µA
2.4
-
-
V
Input Leakage Current, IIL
VIN = VDD or VSS
-10
0.5
+10
µ
A
Three-State Leakage Current
(D0 - D7), IOL(1)
VO = VDD or VSS
-10
0.5
+10
µ
A
Backup Battery Voltage, VBATTERY
fOSC = 1, 2, 4MHz
2.6
-
VDD - 1.3
V
Backup Battery Voltage, VBATTERY
fOSC = 32kHz
1.9
-
VDD - 1.3
V
Leakage Current INTERRUPT, IOL(2)
VO = VDD
INT SOURCE
Connected to VSS
-
0.5
10
µ
A
Capacitance D0 - D7, CI/O
-
8
-
pF
Capacitance A0 - A4, CADDRESS
-
6
-
pF
ICM7170


Similar Part No. - ICM7170IBGT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170IBG INTERSIL-ICM7170IBG Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
ICM7170IBG INTERSIL-ICM7170IBG Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
Renesas Technology Corp
ICM7170IBG RENESAS-ICM7170IBG Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results

Similar Description - ICM7170IBGT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
National Semiconductor ...
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
   Microprocessor Compatible Real Time Clock
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
   MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
National Semiconductor ...
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
   Microprocessor Compatible Real Time C
logo
Epson ToYoCom
RTC8583 EPSONTOYOCOM-RTC8583 Datasheet
56Kb / 2P
   I2C-BUS COMPATIBLE REAL TIME CLOCK MODULE
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
   Microprocessor Real Time Clock
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170_03 Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
Maxim Integrated Produc...
DS1347_1202 MAXIM-DS1347_1202 Datasheet
227Kb / 17P
   Low-Current, SPI-Compatible Real-Time Clock
Rev 2; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com