Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7170AIPG Datasheet(PDF) 7 Page - Rochester Electronics

Part # ICM7170AIPG
Description  Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

ICM7170AIPG Datasheet(HTML) 7 Page - Rochester Electronics

Back Button ICM7170AIPG Datasheet HTML 3Page - Rochester Electronics ICM7170AIPG Datasheet HTML 4Page - Rochester Electronics ICM7170AIPG Datasheet HTML 5Page - Rochester Electronics ICM7170AIPG Datasheet HTML 6Page - Rochester Electronics ICM7170AIPG Datasheet HTML 7Page - Rochester Electronics ICM7170AIPG Datasheet HTML 8Page - Rochester Electronics ICM7170AIPG Datasheet HTML 9Page - Rochester Electronics ICM7170AIPG Datasheet HTML 10Page - Rochester Electronics ICM7170AIPG Datasheet HTML 11Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ICM7170
Specification Number ICM7170_IM (IL) REV -
Page 7 of 14
6
Pin Descriptions
SIGNAL
PIN NUMBER
SOIC PIN NUMBER
DESCRIPTION
WR
1
19
Write Input
ALE
2
20
Address Latch Enable Input
CS
3
21
Chip Select Input
A4-A0
4 - 8
22 - 2
Address Inputs
OSC OUT
9
3
Oscillator Output
OSC IN
10
4
Oscillator Input
INT SOURCE
11
5
Interrupt Source
INTERRUPT
12
6
Interrupt Output
VSS (GND)
13
7
Digital Common
VBACKUP
14
8
Battery Negative Side
D0 - D7
15 - 22
9 - 16
Data I/O
VDD
23
17
Positive Digital Supply
RD
24
18
Read Input
TABLE 1. COMMAND REGISTER FORMAT
COMMAND REGISTER ADDRESS (10001b, 11h) WRITE-ONLY
D7
D6
D5
D4
D3
D2
D1
D0
n/a
n/a
Normal/Test
Mode
Interrupt
Enable
Run/Stop
12/24 Hour
Format
Crystal
Frequency
Crystal
Frequency
TABLE 2. COMMAND REGISTER BIT ASSIGNMENTS
D5
TEST BIT
D4
INTERRUPT
ENABLE
D3
RUN/STOP
D2
24/12 HOUR
FORMAT
D1
D0
CRYSTAL
FREQUENCY
0
Normal Mode
0
Interrupt disabled
0
Stop
0
12-Hour Mode
0
0
32.768kHz
1
Test Mode
1
Interrupt enable
1
Run
1
24-Hour Mode
0
1
1.048576MHZ
1
0
2.097152MHz
1
1
4.194304MHz
TABLE 3. ADDRESS CODES AND FUNCTIONS
ADDRESS
FUNCTION
DATA
VALUE
A4
A3
A2
A1
A0
HEX
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
00
Counter-1/100 seconds
-
0 - 99
0
0
0
0
1
01
Counter-hours
-
-
-
0 - 23
12 Hour Mode
-
-
-
1 - 12
0
0
0
1
0
02
Counter-minutes
-
-
0 - 59
0
0
0
1
1
03
Counter-seconds
-
-
0 - 59
0
0
1
0
0
04
Counter-month
-
-
-
-
1 - 12
0
0
1
0
1
05
Counter-date
-
-
-
1 - 31
0
0
1
1
0
06
Counter-year
-
0 - 99
0
0
1
1
1
07
Counter-day of week
-
-
-
-
-
0 - 6
0
1
0
0
0
08
RAM-1/100 seconds
M
0 - 99
0
1
0
0
1
09
RAM-hours
-
M
-
0 - 23
12 Hour Mode
M
-
-
1 - 12
0
1
0
1
0
0A
RAM-minutes
M
-
.
.
0 - 59
0
1
0
1
1
0B
RAM-seconds
M
-
.
.
0 - 59
0
1
1
0
0
0C
RAM-month
M
-
-
-
1 - 12
0
1
1
0
1
0D
RAM-date
M
-
-
1 - 31
0
1
1
1
0
0E
RAM-year
M
0 - 99
ICM7170


Similar Part No. - ICM7170AIPG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170AIPG INTERSIL-ICM7170AIPG Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
ICM7170AIPG INTERSIL-ICM7170AIPG Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
Renesas Technology Corp
ICM7170AIPG RENESAS-ICM7170AIPG Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results

Similar Description - ICM7170AIPG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
National Semiconductor ...
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
   Microprocessor Compatible Real Time Clock
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
   MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
National Semiconductor ...
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
   Microprocessor Compatible Real Time C
logo
Epson ToYoCom
RTC8583 EPSONTOYOCOM-RTC8583 Datasheet
56Kb / 2P
   I2C-BUS COMPATIBLE REAL TIME CLOCK MODULE
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
   Microprocessor Real Time Clock
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170_03 Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
Maxim Integrated Produc...
DS1347_1202 MAXIM-DS1347_1202 Datasheet
227Kb / 17P
   Low-Current, SPI-Compatible Real-Time Clock
Rev 2; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com