Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7170AIPG Datasheet(PDF) 5 Page - Rochester Electronics

Part # ICM7170AIPG
Description  Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

ICM7170AIPG Datasheet(HTML) 5 Page - Rochester Electronics

  ICM7170AIPG Datasheet HTML 1Page - Rochester Electronics ICM7170AIPG Datasheet HTML 2Page - Rochester Electronics ICM7170AIPG Datasheet HTML 3Page - Rochester Electronics ICM7170AIPG Datasheet HTML 4Page - Rochester Electronics ICM7170AIPG Datasheet HTML 5Page - Rochester Electronics ICM7170AIPG Datasheet HTML 6Page - Rochester Electronics ICM7170AIPG Datasheet HTML 7Page - Rochester Electronics ICM7170AIPG Datasheet HTML 8Page - Rochester Electronics ICM7170AIPG Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ICM7170
Specification Number ICM7170_IM (IL) REV -
Page 5 of 14
4
AC Electrical Specifications TA = -40oC to 85oC, VDD = +5V ± 10%, VBACKUP = VDD,
D0 - D7 Load Capacitance = 150pF, VIL = 0.4V, VlH = 2.8V, Unless Otherwise Specified
PARAMETER
MIN
MAX
UNITS
READ CYCLE TIMING
READ to DATA Valid, tRD
-
250
ns
ADDRESS Valid to DATA Valid, tACC
-
300
ns
READ Cycle Time, tCYC
400
-
ns
Read High Time, tRH
150
-
ns
RD High to Bus Three-State, tRH
-
25
ns
ADDRESS to READ Set Up Time, tAS
50
-
ns
ADDRESS HOLD Time After READ, tAR
0
-
ns
WRITE CYCLE TIMING
ADDRESS Valid to WRITE Strobe, tAD
50
-
ns
ADDRESS Hold Time for WRITE, tWA
0
-
ns
WRITE Pulse Width, Low, tWL
100
-
ns
WRITE High Time, tWH
300
-
ns
DATA IN to WRITE Set Up Time, tDW
100
-
ns
DATA IN Hold Time After WRITE, tWD
30
-
ns
WRITE Cycle Time, tCYC
400
-
ns
MULTIPLEXED MODE TIMING
ALE Pulse Width, High, tLL
50
-
ns
ADDRESS to ALE Set Up Time, tAL
30
-
ns
ADDRESS Hold Time After ALE, tLA
30
-
ns
Timing Diagrams
FIGURE 1. READ CYCLE TIMING FOR NON-MULTIPLEXED BUS (ALE = VIH, WR = VIH)
A0 - A4, CS
RD
D0 - D7
ADDRESS VALID, CS LOW
tAR
OUTPUT DATA VALID
tACC
tRD
tAS
tRX
tCYC
ICM7170


Similar Part No. - ICM7170AIPG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170AIPG INTERSIL-ICM7170AIPG Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
ICM7170AIPG INTERSIL-ICM7170AIPG Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
Renesas Technology Corp
ICM7170AIPG RENESAS-ICM7170AIPG Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results

Similar Description - ICM7170AIPG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
National Semiconductor ...
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
   Microprocessor Compatible Real Time Clock
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
   MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
National Semiconductor ...
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
   Microprocessor Compatible Real Time C
logo
Epson ToYoCom
RTC8583 EPSONTOYOCOM-RTC8583 Datasheet
56Kb / 2P
   I2C-BUS COMPATIBLE REAL TIME CLOCK MODULE
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
   Microprocessor Real Time Clock
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170_03 Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
Maxim Integrated Produc...
DS1347_1202 MAXIM-DS1347_1202 Datasheet
227Kb / 17P
   Low-Current, SPI-Compatible Real-Time Clock
Rev 2; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com