Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ64GA002 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC24FJ64GA002
Description  PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA002 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC24FJ64GA002 Datasheet HTML 5Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 6Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 7Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 8Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 9Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 10Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 11Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 12Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2009-2013 Microchip Technology Inc.
DS80000470H-page 9
PIC24FJ64GA004 FAMILY
19. Module: SPI
In SPIx Slave mode (MSTEN = 0), with the slave
select option enabled (SSEN = 1), the peripheral
may accept transfers regardless of the SSx pin
state. The received data in SPIxBUF will be
accurate but not intended for the device.
Work around
There is a work around using the Peripheral Pin
Select (PPS) feature. One of the external inter-
rupts (INT1 or INT2) can be mapped to the same
pin as the SSx signal or the SSx signal can be
mapped to a pin with interrupt-on-change (CNx)
functionality. If the SSx signal changes to low
(active), the interrupt flag will be set.
When an SPIx data received interrupt occurs, the
interrupt flag can be tested. If the interrupt mapped
to SSx did not occur, discard the data.
Affected Silicon Revisions
20. Module: SPI
When using Enhanced Buffer mode, an interrupt
will not occur if the following conditions exist:
• SPIx Buffer Interrupt mode, SISEL<2:0>
(SPIxSTAT<4:2>), is set to interrupt when the
Shift register is empty (SISEL<2:0> = 101).
• Slave Select mode is enabled (SSEN = 1).
This only occurs when Enhanced mode, Slave
Select mode and interrupt on Shift register empty
are all enabled. In other modes, the interrupt will
work correctly.
Work around
When Slave Select mode is enabled, interrupting
on SPIxSR empty and TX empty will occur at the
same time. Therefore, interrupting on TX FIFO
empty (SISEL<2:0> = 110) can be used as an
alternative to interrupting when the Shift register is
empty (SISEL<2:0> = 101).
Affected Silicon Revisions
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
X


Similar Part No. - PIC24FJ64GA002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA002 MICROCHIP-PIC24FJ64GA002 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ64GA002

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
   PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
   PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
   PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
   SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com