Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24FJ48GA004 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC24FJ48GA004
Description  PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ48GA004 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC24FJ48GA004 Datasheet HTML 7Page - Microchip Technology PIC24FJ48GA004 Datasheet HTML 8Page - Microchip Technology PIC24FJ48GA004 Datasheet HTML 9Page - Microchip Technology PIC24FJ48GA004 Datasheet HTML 10Page - Microchip Technology PIC24FJ48GA004 Datasheet HTML 11Page - Microchip Technology PIC24FJ48GA004 Datasheet HTML 12Page - Microchip Technology PIC24FJ48GA004 Datasheet HTML 13Page - Microchip Technology PIC24FJ48GA004 Datasheet HTML 14Page - Microchip Technology PIC24FJ48GA004 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2009-2013 Microchip Technology Inc.
DS80000470H-page 11
PIC24FJ64GA004 FAMILY
22. Module: I/O Ports
During Power-on Reset (POR), the device may
drive the OSCO/RA3 pin as a clock out output for
approximately 20
S. During this time, the pin will
be driven high and low rather than being set to
high-impedance. This may cause issues on
designs that use the pin as a general purpose I/O.
Designs should be reviewed to ensure that their
intended operation will not be disrupted if the pin is
driven during POR.
Work around
None.
Affected Silicon Revisions
23. Module: JTAG
When entering the SHIFT_DR state while in
ICSP™ Communications mode, an extra clock
edge may be generated, causing JTAG and ICSP
communications to lose synchronization. This
prevents device programming using ICSP over
JTAG. JTAG boundary scan is not affected and
operates as expected.
Work around
None.
Affected Silicon Revisions
24. Module: RTCC
When performing writes to the ALCFGRPT regis-
ter, some bits may become corrupted. The error
occurs because of desynchronization between the
CPU clock domain and the RTCC clock domain.
The error causes data, from the instruction
following the ALCFGRPT instruction, to overwrite
the data in ALCFGRPT.
Work around
Always follow writes to the ALCFGRPT register
with an additional write of the same data to a
dummy location. These writes can be performed to
RAM locations, W registers or unimplemented
SFR space.
The optimal way to perform the work around:
1. Read ALCFGRPT into a RAM location.
2. Modify the ALCFGRPT data, as required, in
RAM.
3. Move the RAM value into ALCFGRPT and a
dummy location, in back-to-back instructions.
Affected Silicon Revisions
25. Module: I2C
When the I2C module is operating in Slave mode,
after the ACKSTAT bit is set when receiving a
NACK from the master, it may be cleared by the
reception of a Start or Stop bit.
Due to this issue, the state of ACKSTAT, after a
transmission finishes, will vary depending on the
device revision. On revisions with this issue,
ACKSTAT will be clear at the end of the transmis-
sion, and will remain clear until the next NACK is
received from the Master. On revisions without the
issue, ACKSTAT will be set at the end of a trans-
mission and will remain set until receiving an ACK
from the Master.
Work around
Store the value of the ACKSTAT bit immediately
after receiving a NACK from the master.
Affected Silicon Revisions
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
X
A3/
A4
B4
B5
B8
X


Similar Part No. - PIC24FJ48GA004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ48GA004 MICROCHIP-PIC24FJ48GA004 Datasheet
2Mb / 278P
   28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
11/29/11 2010-2013
PIC24FJ48GA004 MICROCHIP-PIC24FJ48GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ48GA004 MICROCHIP-PIC24FJ48GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ48GA004 MICROCHIP-PIC24FJ48GA004 Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ48GA004 MICROCHIP-PIC24FJ48GA004 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24FJ48GA004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
   PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
   PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
PIC18F46J50 MICROCHIP-PIC18F46J50 Datasheet
217Kb / 12P
   PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
2010
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
   PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
   SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com