Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16LC558-04-SS Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC16LC558-04-SS
Description  EPROM-Based 8-Bit CMOS Microcontrollers
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC558-04-SS Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16LC558-04-SS Datasheet HTML 89Page - Microchip Technology PIC16LC558-04-SS Datasheet HTML 90Page - Microchip Technology PIC16LC558-04-SS Datasheet HTML 91Page - Microchip Technology PIC16LC558-04-SS Datasheet HTML 92Page - Microchip Technology PIC16LC558-04-SS Datasheet HTML 93Page - Microchip Technology PIC16LC558-04-SS Datasheet HTML 94Page - Microchip Technology PIC16LC558-04-SS Datasheet HTML 95Page - Microchip Technology PIC16LC558-04-SS Datasheet HTML 96Page - Microchip Technology PIC16LC558-04-SS Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
 1996-2013 Microchip Technology Inc.
Preliminary
DS40143E-page 93
PIC16C55X
18-Lead Ceramic Dual In-line with Window (JW) – 300 mil (CERDIP)
3.30
3.56
3.81
5.33
5.08
4.83
.210
.200
.190
W2
Window Length
.150
.140
.130
W1
Window Width
10.80
9.78
8.76
.425
.385
.345
eB
Overall Row Spacing
§
0.53
0.47
0.41
.021
.019
.016
B
Lower Lead Width
1.52
1.40
1.27
.060
.055
.050
B1
Upper Lead Width
0.30
0.25
0.20
.012
.010
.008
c
Lead Thickness
3.81
3.49
3.18
.150
.138
.125
L
Tip to Seating Plane
23.37
22.86
22.35
.920
.900
.880
D
Overall Length
7.49
7.37
7.24
.295
.290
.285
E1
Ceramic Pkg. Width
8.26
7.94
7.62
.325
.313
.300
E
Shoulder to Shoulder Width
0.76
0.57
0.38
.030
.023
.015
A1
Standoff
4.19
4.06
3.94
.165
.160
.155
A2
Ceramic Package Height
4.95
4.64
4.32
.195
.183
.170
A
Top to Seating Plane
2.54
.100
p
Pitch
18
18
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
1
2
D
n
W2
E1
W1
c
eB
E
p
L
A2
B
B1
A
A1
* Controlling Parameter
§ Significant Characteristic
JEDEC Equivalent: MO-036
Drawing No. C04-010
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging


Similar Part No. - PIC16LC558-04-SS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LC554 MICROCHIP-PIC16LC554 Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
PIC16LC55A-04I MICROCHIP-PIC16LC55A-04I Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
More results

Similar Description - PIC16LC558-04-SS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC16C62X MICROCHIP-PIC16C62X_03 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
2003
PIC16C622A-04I-P MICROCHIP-PIC16C622A-04I-P Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C62B-04 MICROCHIP-PIC16C62B-04 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
PIC17C75X MICROCHIP-PIC17C75X Datasheet
2Mb / 320P
   High-Performance 8-Bit CMOS EPROM Microcontrollers
1997 - 1999
PIC16F627A MICROCHIP-PIC16F627A Datasheet
3Mb / 168P
   FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com