Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2821ETM-TD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2821ETM-TD
Description  2.4GHz 802.11b Zero-IF Transceivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2821ETM-TD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2821ETM-TD Datasheet HTML 6Page - Maxim Integrated Products MAX2821ETM-TD Datasheet HTML 7Page - Maxim Integrated Products MAX2821ETM-TD Datasheet HTML 8Page - Maxim Integrated Products MAX2821ETM-TD Datasheet HTML 9Page - Maxim Integrated Products MAX2821ETM-TD Datasheet HTML 10Page - Maxim Integrated Products MAX2821ETM-TD Datasheet HTML 11Page - Maxim Integrated Products MAX2821ETM-TD Datasheet HTML 12Page - Maxim Integrated Products MAX2821ETM-TD Datasheet HTML 13Page - Maxim Integrated Products MAX2821ETM-TD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
2.4GHz 802.11b Zero-IF Transceivers
10
______________________________________________________________________________________
-50
-60
-70
-80
-90
-100
-110
-120
-130
100
10k
100k
1k
1M
CLOSED-LOOP PHASE NOISE
vs. OFFSET FREQUENCY
OFFSET FREQUENCY (Hz)
fLO = 2450MHz
BWLOOP = 45kHz
ICP = 2mA
φINT = 2.1°RMS
MAX2820/MAX2821
("A" VERSION)
MAX2820/MAX2821
VCO/PLL SETTING TIME
TIME (
µs)
-40
-30
-20
-10
0
10
20
30
40
50
-50
360
320
240 280
80 120 160 200
40
0400
BWLOOP = 45kHz
fLO = 2499MHz TO 2400MHz
Typical Operating Characteristics (continued)
(MAX2820/MAX2821 EV kit, VCC = +2.7V, fBB = 1MHz, fLO = 2450MHz, receive baseband outputs = 500mVP-P, transmit baseband
inputs = 400mVP-P, ICP = +2mA, BWPLL = 45kHz, differential RF input/output matched to 50
Ω through a balun, baseband input
biased at +1.2V, registers set to default power-up settings, TA = +25
°C, unless otherwise noted.)
TRANSMITTER BASEBAND FILTER RESPONSE
FREQUENCY (MHz)
90
80
70
60
50
40
30
20
10
-50
-40
-30
-20
-10
0
10
-60
0100
fLO = 2450MHz
LO FREQUENCY vs. TUNING VOLTAGE
VTUNE (V)
2.0
1.5
1.0
0.5
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.20
02.5
+25
°C
+85
°C
-40
°C
-50
-140
1
1000
100
10
OPEN-LOOP PHASE NOISE
vs. OFFSET FREQUENCY
-110
-130
-70
-90
-40
-100
-120
-60
-80
OFFSET FREQUENCY (kHz)
fLO = 2450MHz
MEASURED AT
TX OUTPUT


Similar Part No. - MAX2821ETM-TD

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MAX2821ETM KOA-MAX2821ETM Datasheet
605Kb / 26P
   2.4GHz 802.11b Zero-IF Transceivers
logo
Maxim Integrated Produc...
MAX2821ETM+TD MAXIM-MAX2821ETM+TD Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
More results

Similar Description - MAX2821ETM-TD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2820 MAXIM-MAX2820 Datasheet
392Kb / 23P
   2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
logo
KOA Speer Electronics, ...
MAX2821ETM KOA-MAX2821ETM Datasheet
605Kb / 26P
   2.4GHz 802.11b Zero-IF Transceivers
logo
Maxim Integrated Produc...
MAX2822 MAXIM-MAX2822 Datasheet
542Kb / 28P
   2.4GHz 802.11b Zero-IF Transceiver with Integrated PA and Tx/Rx Switch
Rev 0; 7/03
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
   2.4GHz RF/IF Converter and Synthesizer
June 2000
logo
RF Micro Devices
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com