Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NQ41210SL7JE Datasheet(PDF) 10 Page - Intel Corporation

Part # NQ41210SL7JE
Description  Intel짰 41210 Serial to Parallel PCI Bridge
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NQ41210SL7JE Datasheet(HTML) 10 Page - Intel Corporation

Back Button NQ41210SL7JE Datasheet HTML 6Page - Intel Corporation NQ41210SL7JE Datasheet HTML 7Page - Intel Corporation NQ41210SL7JE Datasheet HTML 8Page - Intel Corporation NQ41210SL7JE Datasheet HTML 9Page - Intel Corporation NQ41210SL7JE Datasheet HTML 10Page - Intel Corporation NQ41210SL7JE Datasheet HTML 11Page - Intel Corporation NQ41210SL7JE Datasheet HTML 12Page - Intel Corporation NQ41210SL7JE Datasheet HTML 13Page - Intel Corporation NQ41210SL7JE Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
41210 Bridge — Datasheet
10
2.2
PCI Express Interface
Table 2.
PCI Express Interface Pins
2.3
PCI Bus Interface (Two Instances)
Each interface is marked by either the letter “A” or “B” to signify the interface. Therefore, A_AD
refers to the AD bus on PCI bus A, and B_AD refers to the AD bus on PCI bus B. For pin names
described in the following sections, an ‘X’ in the name indicates either A or B, for the PCI bus A
and PCI bus B sides. For example, X_PAR signal would be called A_PAR on the PCI bus A and
B_PAR on the PCI bus B.
Signal
I/O
Description
REFCLKp/
REFCLKn
I
PCI Express Reference Clocks: 100 MHz differential clock pair.
PETp[7:0]/
PETn[7:0]
O
PCI Express Serial Data Transmit: PCI Express differential data transmit
signals.
X8 Mode: All PETp[7:0]/ PETn[7:0] are used
X4 Mode: Only PETp[3:0]/ PETn[3:0] are used
x1 Mode: Either PETp[0]/ PETn[0] is used or PETp[7]/ PETn[7] is used
PERp[7:0]/
PERn[7:0]
I
PCI Express Serial Data Receive: PCI Express differential data receive
signals.
X8 Mode: All PERp[7:0]/ PERn[7:0] are used
X4 Mode: Only PERp[3:0]/ PERn[3:0] are used
x1 Mode: Either PERp[0]/ PERn[0] is used or PERp[7]/ PERn[7] is used
PE_RCOMP[1:0]
I
PCI Express Compensation Inputs: Analog signals. Connect to a
24.9
Ω±1% pull-up resitor to 1.5V. A single resistor can be used for both
signals.
Total
36


Similar Part No. - NQ41210SL7JE

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
NQ40T40EGC08NKC-G SYNQOR-NQ40T40EGC08NKC-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40EGC08NKS-G SYNQOR-NQ40T40EGC08NKS-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40EGC08NNC-G SYNQOR-NQ40T40EGC08NNC-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40EGC08NNS-G SYNQOR-NQ40T40EGC08NNS-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
NQ40T40EGC08NRC-G SYNQOR-NQ40T40EGC08NRC-G Datasheet
717Kb / 9P
   Eighth-brick DC-DC Converter
More results

Similar Description - NQ41210SL7JE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
41210 INTEL-41210 Datasheet
822Kb / 52P
   Intel 41210 Serial to Parallel PCI Bridge
logo
PLX Technology
OXUPCI952 PLX-OXUPCI952 Datasheet
493Kb / 3P
   Universal PCI bridge to dual serial and parallel port
OXUPCI954 PLX-OXUPCI954 Datasheet
505Kb / 3P
   Universal PCI bridge to quad serial and parallel port
OX12PCI840 PLX-OX12PCI840 Datasheet
146Kb / 2P
   PCI Bridge to Parallel Port
logo
Intel Corporation
EW31244SL7QV INTEL-EW31244SL7QV Datasheet
3Mb / 252P
   Intel짰 31244 PCI-X to Serial ATA Controller
logo
PLX Technology
OXPCIE952 PLX-OXPCIE952 Datasheet
314Kb / 2P
   PCI Express to Dual Serial and Parallel Port
logo
Intel Corporation
21150 INTEL-21150 Datasheet
1Mb / 164P
   PCI-to-PCI Bridge
logo
Texas Instruments
PCI2040 TI1-PCI2040_13 Datasheet
444Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI1-PCI2050B_17 Datasheet
445Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
PCI2050B TI-PCI2050B_V01 Datasheet
511Kb / 88P
[Old version datasheet]   PCI-to-PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com