Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

96A1A-A28-A15L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 96A1A-A28-A15L
Description  Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

96A1A-A28-A15L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  96A1A-A28-A15L Datasheet HTML 1Page - Bourns Electronic Solutions 96A1A-A28-A15L Datasheet HTML 2Page - Bourns Electronic Solutions 96A1A-A28-A15L Datasheet HTML 3Page - Bourns Electronic Solutions 96A1A-A28-A15L Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 96 PC Pin Terminals, In-Line
120 ° ± 5 ° STD.
FLAT ORIENTATION
(SHAFT AT CCW END)
1
3
CCW
2
POTENTIOMETER
Shaft Flat Orientation
DIA.
13.72 ± 0.38
(.540 ± .015)
15.88
(.625)
12.95 ± .203
(.510 ± .008)
MOUNTING
SURFACE
L
0.76 ± 0.05
(.030 ± .002)
TYP.
BACK VIEW
2.54
(.100)
2.54
(.100)
0.79 ± .025
(.031 ± .010)
1.19
(.047)
“A” STYLE
A.R. LUG
R
1.37 ± 0.08
(.054 ± .003)
2.36 ± 0.08
(.093 ± .003)
7.92
(.312)
9.53
(.375)
15.29 ± 0.56
(.602 ± .022)
SEE HOW TO ORDER
CHART FOR
BUSHING OPTIONS.
SEE
NEXT PAGE
FOR SHAFT
OPTIONS.
3
2
1
R1
11.05 ± 0.20
(.435 ± .008)
TOLERANCES EXCEPT AS SHOWN: DECIMAL .XXX ±
(.015 )
FRACTION ± 1/64
.XX ±
(.38)
ANGLE ±5 °
.381
9.65
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Mechanical Characteristics1
Stop Strength (1/4 ” D shaft) .............................................................................................................................................45.19 N-cm (4 lb.-in.)
(1/8 ” D shaft) .............................................................................................................................................33.89 N-cm (3 lb.-in.)
Mechanical Angle.................................................................................................................................................................................300 ° ±5 °
Torque
Starting ........................................................................................................................................... 0.3 max. above average running torque
Running Torque
Single or Dual Section (A & R Bushings) .................................................................................................. 0.21 to 1.06 N-cm (0.3 to 1.5 oz.-in.)
Single or Dual Section (C & U Bushings).................................................................................................. 0.14 to 1.06 N-cm (0.2 to 1.5 oz.-in.)
Mounting .............................................................................................................................................1.7-2.0 N-m (15-18 lb.-in.) maximum
Variation...................................................................................................................... 0.35 N-cm (0.5 oz.-in.) maximum in 45 ° shaft travel
Weight (Single Section, Metal Bushing)...............................................................................................................................12.7 grams nominal
Terminals .................................................................................................................................Printed circuit terminals, J-Hooks or solder lugs
Soldering Condition ...........................................Recommended hand soldering using Sn95/Ag5 no clean solder, 0.025 ” wire diameter.
Maximum temperature 399 °C (750 °F) for 3 seconds. Immersion wash is not recommended.
Marking ..................................................................................Manufacturer’s trademark, date code, resistance, manufacturer’s part number
Hardware...................One lockwasher and one mounting nut is shipped with each potentiometer, except where noted in the part number.
NOTE:
Performance specifications do not apply to units subjected to printed circuit board immersion cleaning processes.
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
Product Dimensions
Model 96 - 5/8 ” Square Sealed Single-Turn Panel Control
DIMENSIONS:
MM
(INCHES)


Similar Part No. - 96A1A-A28-A15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
96A1D-G28-E13L BOURNS-96A1D-G28-E13L Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
96A1D-G28-E17L BOURNS-96A1D-G28-E17L Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
96A1D-G28-E22L BOURNS-96A1D-G28-E22L Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
96A1D-G28-S15L BOURNS-96A1D-G28-S15L Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
96A1D-G28-S23L BOURNS-96A1D-G28-S23L Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results

Similar Description - 96A1A-A28-A15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
91A1A-B28-B17L BOURNS-91A1A-B28-B17L Datasheet
218Kb / 5P
   91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
93R1A-R22-A12L BOURNS-93R1A-R22-A12L Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
91A2A-A28-A15 BOURNS-91A2A-A28-A15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
3310-9 BOURNS-3310-9 Datasheet
252Kb / 5P
   Square Sealed Panel Control
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
   PC - Slimline22 mm Square Single Turn Panel Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com