Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2903Q2T Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM2903Q2T
Description  Low-power dual voltage comparator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903Q2T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM2903Q2T Datasheet HTML 5Page - STMicroelectronics LM2903Q2T Datasheet HTML 6Page - STMicroelectronics LM2903Q2T Datasheet HTML 7Page - STMicroelectronics LM2903Q2T Datasheet HTML 8Page - STMicroelectronics LM2903Q2T Datasheet HTML 9Page - STMicroelectronics LM2903Q2T Datasheet HTML 10Page - STMicroelectronics LM2903Q2T Datasheet HTML 11Page - STMicroelectronics LM2903Q2T Datasheet HTML 12Page - STMicroelectronics LM2903Q2T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM2903
Typical application schematics
Doc ID 2470 Rev 10
9/18
Figure 20.
Time delay generator
Figure 21.
Two-decade high-frequency VCO
VCC
0
V(ref.)
10 k
Ω
1/2
15 k
Ω
200 k
Ω
3 k
Ω
3 k
Ω
3 k
Ω
10 M
Ω
V
O2
V
03
O1
V
51 k
Ω
V1
V2
0.001
μF
V
C1
V3
VCC
V
C1
V1
V2
V3
0
0 1
t t
3
t
4
t
2
t
t
VCC
t
0
t
1
VCC
VCC
VC C =+15V
1/2
LM2903
1/2
1
/2
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
10 M
Ω
10 M
Ω
51 k
Ω
51 k
Ω
t
2
t
o
t
3
t
o
t
A
t
o
Input gating signal
LM2903
LM2903
LM2903
V
CC
V
CC
100 k
Ω
3 k
Ω
5.1 k
Ω
/2
V
CC
/2
0.01
μF
500 pF
100 k
Ω
0.1
μF
20 k
Ω
50 k
Ω
=+ 30V
+250 mV
Vcontrol +50 V
700 Hz
f
100 kHz
o
20 k
Ω
3 k
Ω
1/ 2
LM2903
1/ 2
LM2903
1/ 2
LM2903
Output 1
Output 2
V
CC
V
CC
Frequency control
voltage input
Vcontrol
10 k
Ω


Similar Part No. - LM2903Q2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903Q2T STMICROELECTRONICS-LM2903Q2T Datasheet
1Mb / 21P
   Low-power dual voltage comparator
September 2021
More results

Similar Description - LM2903Q2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
   Low power dual voltage comparator
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
   Low-power dual voltage comparator
Rev 2 - December 2022
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
   Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
   Low-power, dual-voltage comparator
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
   Low-power, dual-voltage comparator
November 2012 Rev 2
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
   Low-power dual voltage comparator
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
   Low-power dual voltage comparator
September 2021
logo
NXP Semiconductors
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com