Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2903N Datasheet(PDF) 1 Page - STMicroelectronics

Part No. LM2903N
Description  Low-power dual voltage comparator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903N Datasheet(HTML) 1 Page - STMicroelectronics

  LM2903N Datasheet HTML 1Page - STMicroelectronics LM2903N Datasheet HTML 2Page - STMicroelectronics LM2903N Datasheet HTML 3Page - STMicroelectronics LM2903N Datasheet HTML 4Page - STMicroelectronics LM2903N Datasheet HTML 5Page - STMicroelectronics LM2903N Datasheet HTML 6Page - STMicroelectronics LM2903N Datasheet HTML 7Page - STMicroelectronics LM2903N Datasheet HTML 8Page - STMicroelectronics LM2903N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
December 2012
Doc ID 2470 Rev 10
1/18
18
LM2903
Low-power dual voltage comparator
Datasheet
production data
Features
Wide single supply voltage range or dual
supplies +2 V to +36 V or ±1 V to ±18 V
Very low supply current (0.4 mA) independent
of supply voltage (1 mW/comparator at +5 V)
Low input bias current: 25 nA typ.
Low input offset current: ±5 nA typ.
Input common-mode voltage range includes
negative rail
Low output saturation voltage:
250 mV typ. (IO = 4 mA)
Differential input voltage range equal to the
supply voltage
TTL, DTL, ECL, MOS, CMOS compatible
outputs
Automotive qualification
Description
This device consists of two independent low-
power voltage comparators designed specifically
to operate from a single supply over a wide range
of voltages. Operation from split power supplies is
also possible.
The device also has a unique characteristic in that
the input common-mode voltage range includes
the negative rail even though operated from a
single power supply voltage.
N
DIP8
(Plastic package)
D
SO-8
(Plastic micropackage)
P
TSSOP8
(Thin shrink small outline package)
DFN8 2x2 mm
(Plastic micropackage)
www.st.com


Similar Part No. - LM2903N

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
LM2903N MOTOROLA-LM2903N Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
Fairchild Semiconductor
Fairchild Semiconductor
LM2903N FAIRCHILD-LM2903N Datasheet
155Kb / 8P
   Dual Differential Comparator
National Semiconductor (TI)
National Semiconductor ...
LM2903N NSC-LM2903N Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
Texas Instruments
Texas Instruments
LM2903N TI1-LM2903N Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
NXP Semiconductors
NXP Semiconductors
LM2903N PHILIPS-LM2903N Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
More results

Similar Description - LM2903N

ManufacturerPart No.DatasheetDescription
Agamem Microelectronic Inc.
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
   Low power dual voltage comparator
STMicroelectronics
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
   Low-power, dual-voltage comparator
November 2012 Rev 2
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
   Low-power, dual-voltage comparator
NXP Semiconductors
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
STMicroelectronics
STMicroelectronics
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
   Low-power dual voltage comparator
NXP Semiconductors
NXP Semiconductors
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
ON Semiconductor
ON Semiconductor
FAN256 ONSEMI-FAN256 Datasheet
267Kb / 9P
   Dual Low Voltage Comparator
November-2017, Rev. 2
STMicroelectronics
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
ELM Technology Corporation
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz