Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFAC191D03V Datasheet(PDF) 21 Page - STMicroelectronics

Part # RHFAC191D03V
Description  Rad-hard advanced high-speed 5 V CMOS logic series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFAC191D03V Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RHFAC191D03V Datasheet HTML 17Page - STMicroelectronics RHFAC191D03V Datasheet HTML 18Page - STMicroelectronics RHFAC191D03V Datasheet HTML 19Page - STMicroelectronics RHFAC191D03V Datasheet HTML 20Page - STMicroelectronics RHFAC191D03V Datasheet HTML 21Page - STMicroelectronics RHFAC191D03V Datasheet HTML 22Page - STMicroelectronics RHFAC191D03V Datasheet HTML 23Page - STMicroelectronics RHFAC191D03V Datasheet HTML 24Page - STMicroelectronics RHFAC191D03V Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
RHFAC86K1
-
Engineering model
Flat-14
Gold
RHFAC86K1
0.70
-
Strip pack
RHFAC86K01V
5962F8955001VXC
QML-V flight
Flat-14
Gold
5962F8955001VXC
0.70
Y
RHFAC86K02V
5962F8955001VXA
QML-V flight
Flat-14
Solder dip
5962F8955001VXA
0.70
Y
RHFAC86D03V
5962F8955001VCC
QML-V flight
DIL-14
Gold
5962F8955001VCC
2.20
-
RHFACT86K1
-
Engineering model
Flat-14
Gold
RHFACT86K1
0.70
-
RHFACT86K01V
5962F9068702VXC
QML-V flight
Flat-14
Gold
5962F9068702VXC
0.70
Y
RHFACT86K02V
5962F9068702VXA
QML-V flight
Flat-14
Solder dip
5962F9068702VXA
0.70
Y
RHFAC138K1
-
Engineering model
Flat-16
Gold
RHFAC138K1
0.70
-
RHFAC138K01V
5962F8762201VXC
QML-V flight
Flat-16
Gold
5962F8762201VXC
0.70
Y
RHFAC138K02V
5962F8762201VXA
QML-V flight
Flat-16
Solder dip
5962F8762201VXA
0.70
Y
RHFAC138D03V
5962F8762201VEC
QML-V flight
DIL-16
Gold
5962F8762201VEC
2.20
-
RHFACT138K1
-
Engineering model
Flat-16
Gold
RHFACT138K1
0.70
-
RHFACT138K01V
5962F8755403VXC
QML-V flight
Flat-16
Gold
5962F8755403VXC
0.70
-
RHFACT138K02V
5962F8755403VXA
QML-V flight
Flat-16
Solder dip
5962F8755403VXA
0.70
-
RHFAC139K1
-
Engineering model
Flat-16
Gold
RHFAC139K1
0.70
-
RHFAC139K01V
5962F8762301VXC
QML-V flight
Flat-16
Gold
5962F8762301VXC
0.70
Y
RHFAC139K02V
5962F8762301VXA
QML-V flight
Flat-16
Solder dip
5962F8762301VXA
0.70
Y
RHFACT139K1
-
Engineering model
Flat-16
Gold
RHFACT139K1
0.70
-
RHFACT139K01V
5962F8755302VXC
QML-V flight
Flat-16
Gold
5962F8755302VXC
0.70
-
RHFACT139K02V
5962F8755302VXA
QML-V flight
Flat-16
Solder dip
5962F8755302VXA
0.70
-
RHFACT139D03V
5962F8755302VEC
QML-V flight
DIL-16
Gold
5962F8755302VEC
2.20
-
RHFAC151K1
-
Engineering model
Flat-16
Gold
RHFAC151K1
0.70
-
RHFAC151K01V
5962F8769102VXC
QML-V flight
Flat-16
Gold
5962F8769102VXC
0.70
-
RHFAC151K02V
5962F8769102VXA
QML-V flight
Flat-16
Solder dip
5962F8769102VXA
0.70
-
RHFACT151K1
-
Engineering model
Flat-16
Gold
RHFACT151K1
0.70
-
Table 13.
Ordering information (continued)
Order codes
SMD pin
Quality level
Package
Lead finish
Marking(1)
Mass (g)
EPPL
Packing


Similar Part No. - RHFAC191D03V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RHFAC14K01V ETC2-RHFAC14K01V Datasheet
278Kb / 24P
   STANDARD MICROCIRCUIT DRAWING
logo
STMicroelectronics
RHFAC164245K1 STMICROELECTRONICS-RHFAC164245K1 Datasheet
527Kb / 23P
   Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
More results

Similar Description - RHFAC191D03V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT174 STMICROELECTRONICS-54ACT174 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
RH-54AC STMICROELECTRONICS-RH-54AC Datasheet
134Kb / 12P
   Advanced Rad-Hardened high speed CMOS 5V logic series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com