Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML2803GPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLML2803GPBF
Description  Generation V Technology, Ultra Low On-Resistance, N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2803GPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLML2803GPBF_11 Datasheet HTML 1Page - International Rectifier IRLML2803GPBF_11 Datasheet HTML 2Page - International Rectifier IRLML2803GPBF_11 Datasheet HTML 3Page - International Rectifier IRLML2803GPBF_11 Datasheet HTML 4Page - International Rectifier IRLML2803GPBF_11 Datasheet HTML 5Page - International Rectifier IRLML2803GPBF_11 Datasheet HTML 6Page - International Rectifier IRLML2803GPBF_11 Datasheet HTML 7Page - International Rectifier IRLML2803GPBF_11 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRLML2803GPbF
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
A customized leadframe has been incorporated into the
standard SOT-23 package to produce a HEXFET Power
MOSFET with the industry's smallest footprint.This
package, dubbed the Micro3, is ideal for applications
where printed circuit board space is at a premium. The
low profile (<1.1mm) of the Micro3 allows it to fit easily into
extremely thin application environments such as portable
electronics and PCMCIA cards.
VDSS = 30V
RDS(on) = 0.25Ω
HEXFET® Power MOSFET
Description
12/13/11
l
Generation V Technology
l
Ultra Low On-Resistance
l
N-Channel MOSFET
l
SOT-23 Footprint
l
Low Profile (<1.1mm)
l
Available in Tape and Reel
l
Fast Switching
l
Lead-Free
l
Halogen-Free
Absolute Maximum Ratings
Parameter
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
mW
Linear Derating Factor
mW/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy
g
mJ
dv/dt
Peak diode Recovery dv/dt
d
V/ns
TJ ,TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
f
–––
230
°C/W
3.9
A
5.0
540
4.3
±20
Max.
1.2
0.93
7.3
-55 to + 150
www.irf.com
1
Micro3
D
S
G
3
1
2
PD - 96164A


Similar Part No. - IRLML2803GPBF_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2803GPBF IRF-IRLML2803GPBF Datasheet
247Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRLML2803GPBF_11

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7314PBF IRF-IRF7314PBF Datasheet
201Kb / 7P
   Generation V Technology, Ultra Low On-Resistance
IRLML2803TRPBF IRF-IRLML2803TRPBF Datasheet
230Kb / 8P
   Generation V Technology, Ultra Low On-Resistance
IRF7501PBF IRF-IRF7501PBF Datasheet
184Kb / 9P
   Generation V Technology Ulrtra Low On-Resistance
IRLML6302PBF IRF-IRLML6302PBF_07 Datasheet
285Kb / 8P
   technology, Ultra Low On-Resistance, P-Channel MOSFET
IRF7663PBF IRF-IRF7663PBF Datasheet
151Kb / 7P
   Trench Technology, Ultra Low On-Resistance, P-Channel MOSFET
IRF7331PBF IRF-IRF7331PBF_08 Datasheet
220Kb / 9P
   Ultra Low On-Resistance Dual N-Channel MOSFET
IRF7328PBF IRF-IRF7328PBF_10 Datasheet
175Kb / 8P
   Trench Technology Ultra Low On-Resistance
IRF5800 IRF-IRF5800_03 Datasheet
114Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com