Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCF5272VM66 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part No. MCF5272VM66
Description  This document provides an overview of the MCF5272 microprocessor features, including the major functional components.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5272VM66 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF5272VM66 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document provides an overview of the MCF5272 microprocessor features, including the
major functional components.
1.1
Features
A block diagram of the MCF5272 is shown in Figure 1. The main features are as follows:
Static Version 2 ColdFire variable-length RISC processor
— 32-bit address and data path on-chip
— 66-MHz processor core and bus frequency
— Sixteen general-purpose 32-bit data and address registers
— Multiply-accumulate unit (MAC) for DSP and fast multiply operations
— 63 Dhrystone 2.1 MIPS at 66 MHz
On-chip memories
— 4-Kbyte SRAM on CPU internal bus
— 16-Kbyte ROM on CPU internal bus
— 1-Kbyte instruction cache
Power management
— Fully-static operation with processor sleep and whole-chip stop modes
— Very rapid response to interrupts from the low-power sleep mode (wake-up
feature)
— Clock enable/disable for each peripheral when not used
— Software-controlled disable of external clock input for virtually zero power
consumption (low-power stop mode)
Two universal asynchronous/synchronous receiver transmitters (UARTs)
— Full-duplex operation
— Based on MC68681 dual-UART (DUART) programming model
— Flexible baud rate generator
— Modem control signals available (CTS and RTS)
— Processor interrupt and wake-up capability
— Enhanced Tx, Rx FIFOs, 24 bytes each
Advance Information
MCF5272PB/D
Rev.0, 1/2002
MCF5272 Integrated
Microprocessor Product Brief
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn