Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCF5272VM66 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part No. MCF5272VM66
Description  This document provides an overview of the MCF5272 microprocessor features, including the major functional components.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5272VM66 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF5272VM66 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5272VM66 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOTOROLA
MCF5272 Integrated Microprocessor Product Brief
3
Features
Ethernet Module
— 10 baseT capability, half- or full-duplex
— 100 baseT capability, half duplex and limited throughput full-duplex (MCF5272)
— On-chip transmit and receive FIFOs
— Off-chip flexible buffer descriptor rings
— Media-independent interface (MII)
Universal serial bus (USB) module
— 12 Mbps (full-speed)
— Fully compatible with USB 1.1 specifications
— Eight endpoints (control, bulk, interrupt Rx, isochronous)
— Endpoint FIFOs
— Selectable on-chip analog interface
External memory interface
— External glueless 8, 16, and 32-bit SRAM and ROM interface bus
— SDRAM controller supports 16–256 Mbit devices
— External bus configurable for 16 or 32 bits width for SDRAM
— Glueless interface to SRAM devices with or without byte strobe inputs
— Programmable wait state generator
Queued serial peripheral interface (QSPI)
— Full-duplex, three-wire synchronous transfer
— Up to four chip selects available
— Master operation
— Programmable master bit rates
— Up to 16 preprogrammed transfers
Timer module
— 4x16-bit general-purpose multi-mode timer
– Input capture and output compare pins for timers 1 and 2
– Programmable prescaler
— 15-nS resolution at 66-MHz clock frequency
— Software watchdog timer
— Software watchdog can generate interrupt before reset
— Processor interrupt for each timer
Pulse width modulation (PWM) unit
— Three identical channels
— Independent prescaler TAP point
— Period/duty range variable
System integration module (SIM)
— System configuration including internal and external address mapping
— System protection by hardware watchdog
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn