Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-7800A Datasheet(PDF) 17 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7800A
Description  Isolation Amplifer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800A Datasheet(HTML) 17 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7800A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image

1. THE BASICS
1.1: Why should I use the HCPL-7800(A) for sensing cur-
rent when Hall-effect sensors are available which don’t
need an isolated supply voltage?
Available in an auto-insertable, 8-pin DIP package, the
HCPL-7800(A) is smaller than and has better linearity,
offset vs. temperature and Common Mode Rejection
(CMR) performance than most Hall-effect sensors. Ad-
ditionally, often the required input-side power supply
can be derived from the same supply that powers the
gate-drive optocoupler.
2. SENSE RESISTOR AND INPUT FILTER
2.1: Where do I get 10 mΩ resistors? I have never seen one
that low.
Although less common than values above 10 Ω, there
are quite a few manufacturers of resistors suitable for
measuring currents up to 50 A when combined with
the HCPL-7800(A). Example product information may be
found at Dale’s web site (http://www.vishay.com/vishay/
dale) and Isotek’s web site (http://www.isotekcorp.com).
2.2: Should I connect both inputs across the sense resistor
instead of grounding VIN- directly to pin 4?
This is not necessary, but it will work. If you do, be sure
to use an RC filter on both pin 2 (VIN+) and pin 3 (VIN-) to
limit the input voltage at both pads.
2.3: Do I really need an RC filter on the input? What is it
for? Are other values of R and C okay?
The input anti-aliasing filter (R=39 Ω, C=0.01 µF) shown
in the typical application circuit is recommended for
filtering fast switching voltage transients from the input
signal. (This helps to attenuate higher signal frequencies
which could otherwise alias with the input sampling rate
and cause higher input offset voltage.)
Some issues to keep in mind using different filter resistors
or capacitors are:
1. Filter resistor: Input bias current for pins 2 and 3: This
is on the order of 500 nA. If you are using a single
filter resistor in series with pin 2 but not pin 3 the IxR
drop across this resistor will add to the offset error of
the device. As long as this IR drop is small compared
to the input offset voltage there should not be a
problem. If larger-valued resistors are used in series,
it is better to put half of the resistance in series with
pin 2 and half the resistance in series with pin 3. In
this case, the offset voltage is due mainly to resistor
mismatch (typically less than 1% of the resistance
design value) multiplied by the input bias.
FREQUENTLY ASKED QUESTIONS ABOUT
THE HCPL-7800(A)
2. Filter resistor: The equivalent input resistance for
HCPL-7800(A) is around 500 kΩ. It is therefore best
to ensure that the filter resistance is not a significant
percentage of this value; otherwise the offset voltage
will be increased through the resistor divider effect.
[As an example, if Rfilt = 5.5 kΩ, then VOS = (Vin * 1%)
= 2 mV for a maximum 200 mV input and VOS will
vary with respect to Vin.]
3. The input bandwidth is changed as a result of this
different R-C filter configuration. In fact this is one
of the main reasons for changing the input-filter R-C
time constant.
4. Filter capacitance: The input capacitance of the
HCPL-7800(A) is approximately 1.5 pF. For proper
operation the switching input-side sampling
capacitors must be charged from a relatively fixed
(low impedance) voltage source. Therefore, if a filter
capacitor is used it is best for this capacitor to be a
few orders of magnitude greater than the CINPUT (A
value of at least 100 pF works well.)
2.4: How do I ensure that the HCPL-7800(A) is not de-
stroyed as a result of short circuit conditions which cause
voltage drops across the sense resistor that exceed the rat-
ings of the HCPL-7800(A)’s inputs?
Select the sense resistor so that it will have less than 5 V
drop when short circuits occur. The only other require-
ment is to shut down the drive before the sense resistor
is damaged or its solder joints melt. This ensures that the
input of the HCPL-7800(A) can not be damaged by sense
resistors going open-circuit.
3. ISOLATION AND INSULATION
3.1: How many volts will the HCPL-7800(A) withstand?
The momentary (1 minute) withstand voltage is 3750 V
rms per UL 1577 and CSA Component Acceptance Notice
#5.
4. ACCURACY
4.1: Can the signal to noise ratio be improved?
Yes. Some noise energy exists beyond the 100 kHz
bandwidth of the HCPL-7800(A). Additional filtering
using different filter R,C values in the post-amplifier
application circuit can be used to improve the signal
to noise ratio. For example, by using values of R3 = R4
= 10 kΩ, C5 = C6 = 470 pF in the application circuit
the rms output noise will be cut roughly by a factor of
2. In applications needing only a few kHz bandwidth
even better noise performance can be obtained. The
noise spectral density is roughly 500 nV/š Hz below
20 kHz (input referred).


Similar Part No. - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7800A HP-HCPL-7800A Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800A HP-HCPL-7800A Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

Similar Description - HCPL-7800A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800-300E AVAGO-HCPL-7800-300E Datasheet
325Kb / 18P
   Isolation Amplifer
logo
List of Unclassifed Man...
IA296 ETC1-IA296 Datasheet
29Kb / 1P
   ULTRA LOW NOISE TRUE INSTRUMENTATION MEDICAL ISOLATION AMPLIFER
logo
BOWEI Integrated Circui...
HE394B BOWEI-HE394B Datasheet
114Kb / 1P
   Broadband Amplifer
HE395B BOWEI-HE395B Datasheet
106Kb / 1P
   Broadband Amplifer
HE387B BOWEI-HE387B Datasheet
117Kb / 1P
   Broadband Amplifer
HE383C BOWEI-HE383C Datasheet
118Kb / 1P
   Broadband Amplifer
logo
List of Unclassifed Man...
233A ETC1-233A Datasheet
36Kb / 1P
   CHOPPER STABILIZED AMPLIFER
logo
Panasonic Semiconductor
MN6502 PANASONIC-MN6502 Datasheet
95Kb / 4P
   CMOS Operational Amplifer
logo
Fairchild Semiconductor
BC183C FAIRCHILD-BC183C Datasheet
128Kb / 3P
   NPN General Purpose Amplifer
logo
Qorvo, Inc
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
   Wi-Fi Power Amplifer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com