Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7663PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF7663PBF
Description  Trench Technology, Ultra Low On-Resistance, P-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7663PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF7663PBF Datasheet HTML 1Page - International Rectifier IRF7663PBF Datasheet HTML 2Page - International Rectifier IRF7663PBF Datasheet HTML 3Page - International Rectifier IRF7663PBF Datasheet HTML 4Page - International Rectifier IRF7663PBF Datasheet HTML 5Page - International Rectifier IRF7663PBF Datasheet HTML 6Page - International Rectifier IRF7663PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF7663PbF
6
www.irf.com
Micro8 Part Marking Information
Micro8 Package Outline
Dimensions are shown in milimeters (inches)
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.10 (.004)
0.25 (.010)
M
A M
H
1 2 3 4
8 7 6 5
D
- B -
3
3
E
- A -
e
6X
e 1
- C -
B
8X
0.08 (.003)
M C A S B S
A 1
L
8X
C
8X
θ
NOTES:
1 DIMENSIONING AND TOLERANCING PER ANSI Y14.5M-1982.
2 CONTROLLING DIMENSION : INCH.
3 DIMENSIONS DO NOT INCLUDE MOLD FLASH.
A
.036
.044
0.91
1.11
A1
.004
.008
0.10
0.20
B
.010
.014
0.25
0.36
C
.005
.007
0.13
0.18
D
.116
.120
2.95
3.05
e
.0256 BASIC
0.65 BASIC
e1
.0128 BASIC
0.33 BASIC
E
.116
.120
2.95
3.05
H
.188
.198
4.78
5.03
L
.016
.026
0.41
0.66
θ
DIM
LEAD ASSIGNMENTS
SINGLE
DUAL
D D D D
D1 D1 D2 D2
S S S G
S1 G1 S2 G2
1 2 3 4
1 2 3 4
8 7 6 5
8 7 6 5
RECOMMENDED FOOTPRINT
1.04
( .041 )
8X
0.38
( .015 )
8X
3.20
( .126 )
4.24
( .167 )
5.28
( .208 )
0.65
( .0256 )
6X
LOT CODE (XX)
EXAMPLE: THIS IS AN IRF7501
PART NUMBER
P = DES IGNATES LEAD - FREE
PRODUCT (OPTIONAL)
W = WEEK
Y = YEAR
DATE CODE (YW) - S ee table below
WW = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR
YEAR
Y
WORK
WEEK
W
9
2009
5
2005
2003
2002
2001
2004
3
2
1
4
2007
2006
2008
7
6
8
2010
0
03
02
01
04
C
B
A
D
26
24
25
Z
X
Y
B
2002
B
28
WW = (27-52) IF PRECEDED BY A LETTER
YEAR
2001
Y
A
WEEK
WORK
27
W
A
K
2010
F
2006
2004
2003
2005
D
C
E
2008
2007
2009
H
G
J
X
50
30
29
D
C
51
52
Y
Z


Similar Part No. - IRF7663PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
More results

Similar Description - IRF7663PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6302PBF IRF-IRLML6302PBF_07 Datasheet
285Kb / 8P
   technology, Ultra Low On-Resistance, P-Channel MOSFET
IRF7328PBF IRF-IRF7328PBF_10 Datasheet
175Kb / 8P
   Trench Technology Ultra Low On-Resistance
IRF5800 IRF-IRF5800_03 Datasheet
114Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET
logo
Leshan Radio Company
LP4935T1G LRC-LP4935T1G Datasheet
385Kb / 5P
   P-Channel MOSFET Low RDS(on) trench technology.
LDP4098T1G LRC-LDP4098T1G Datasheet
335Kb / 5P
   Dual P-Channel MOSFET Low RDS(on) trench technology.
LDP4953T1G LRC-LDP4953T1G Datasheet
331Kb / 5P
   Dual P-Channel MOSFET Low RDS(on) trench technology.
logo
International Rectifier
IRLML2803GPBF IRF-IRLML2803GPBF_11 Datasheet
230Kb / 8P
   Generation V Technology, Ultra Low On-Resistance, N-Channel MOSFET
IRF7750GPBF IRF-IRF7750GPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance Dual P-Channel MOSFET
IRLML6401PBF IRF-IRLML6401PBF_10 Datasheet
196Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET, SOT-23 Footprint
IRF7314PBF IRF-IRF7314PBF Datasheet
201Kb / 7P
   Generation V Technology, Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com