Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9800101KEC Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # 5962-9800101KEC
Description  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

5962-9800101KEC Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 5962-9800101KEC Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 5962-9800101KEC Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 5962-9800101KEC Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 5962-9800101KEC Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 5962-9800101KEC Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 5962-9800101KEC Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 5962-9800101KEC Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 5962-9800101KEC Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 5962-9800101KEC Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Electrical Characteristics, (cont’d) T
A = -55°C to +125°C unless otherwise specified
Parameter
Symbol
Test Conditions
Group A[13]
Subgroups
Limits
Units
Fig.
Note
Min.
Typ.**
Max.
Propagation Delay
Time to High Output
Level
t
PLH
*V
CC
= 5 V, R
L
= 510 Ω,
C
L
= 50 pF,
I
F
= 13 mA
9
60
100
ns
4, 5, 6
1, 5
10, 11
140
Propagation Delay
Time to Low Output
Level
t
PHL
*
9
55
100
ns
10, 11
120
Output Rise Time
t
LH
R
L
= 510 Ω, C
L
= 50
pF, I
F
= 13 mA
9, 10, 11
35
90
ns
1
Output Fall Time
t
HL
35
40
Common Mode
Transient
Immunity at
High Output
Level
|CM
H
|V
CM
= 50 V (PEAK),
V
CC
= 5 V,
V
O
(min.) = 2 V,
R
L
= 510 Ω,
I
F
= 0 mA
9, 10, 11
1000
>10000
V/μs
7
1, 7,
14
Common Mode
Transient
Immunity at Low
Output Level
|CM
L
|V
CM
= 50 V (PEAK),
V
CC
= 5 V, V
O
(max.) =
0.8 V, R
L
= 510 Ω, I
F
=
10 mA
9, 10, 11
1000
>10000
V/μs
7
1, 7,
14
Single Channel Product Only
Low Level
Enable Current
I
EL
V
CC
= 5.5 V,
V
E
= 0.5 V
1, 2, 3
-2.0
-1.45
mA
High Level
Enable Voltage
V
EH
1, 2, 3
2.0
V
10
Low Level
Enable Voltage
V
EL
1, 2, 3
0.8
V
*Identified test parameters for JEDEC registered part.
**All typical values are at V
CC
= 5 V, T
A
= 25°C.
Typical Characteristics, T
A = 25°C, VCC = 5 V
Parameter
Sym.
Typ.
Units
Test Conditions
Fig.
Note
Input Capacitance
C
IN
60
pF
V
F
= 0 V, f = 1 MHz
1
Input Diode Temperature
Coefficient
ΔV
F
ΔT
A
-1.5
mV/°C
I
F
= 20 mA
1
Resistance (Input-Output)
R
I-O
1012
ΩV
I-O
= 500 V
2
Single Channel Product Only
Propagation Delay Time of
Enable from V
EH
to V
EL
t
ELH
35
ns
R
L
= 510 Ω, C
L
= 50 pF
I
F
= 13 mA, V
EH
= 3 V,
V
EL
= 0V
8, 9
1, 11
Propagation Delay Time of
Enable from V
EL
to V
EH
t
EHL
35
ns
1, 12
Dual and Quad Channel Product Only
Input-Input
Leakage Current
I
I-I
0.5
nA
Relative Humidity ≤ 65%
V
I-I
= 500 V, t = 5 s
4
Resistance (Input-Input)
R
I-I
1012
ΩV
I-I
= 500 V
4
Capacitance (Input-Input)
C
I-I
0.55
pF
f = 1 MHz
4


Similar Part No. - 5962-9800101KEC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5962-98001 HP-5962-98001 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results

Similar Description - 5962-9800101KEC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
   Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com