Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF2804PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF2804PBF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF2804PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF2804PBF_10 Datasheet HTML 1Page - International Rectifier IRF2804PBF_10 Datasheet HTML 2Page - International Rectifier IRF2804PBF_10 Datasheet HTML 3Page - International Rectifier IRF2804PBF_10 Datasheet HTML 4Page - International Rectifier IRF2804PBF_10 Datasheet HTML 5Page - International Rectifier IRF2804PBF_10 Datasheet HTML 6Page - International Rectifier IRF2804PBF_10 Datasheet HTML 7Page - International Rectifier IRF2804PBF_10 Datasheet HTML 8Page - International Rectifier IRF2804PBF_10 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRF2804/S/LPbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C,
L=0.24mH, RG = 25Ω, IAS = 75A, VGS =10V.
Part not recommended for use above this value.
ƒ ISD ≤ 75A, di/dt ≤ 220A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C.
„ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to 80%
VDSS.
† Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical repetitive
avalanche performance.
‡ This value determined from sample failure population. 100%
tested to this value in production.
ˆ This is applied to D2Pak, when mounted on 1" square PCB
( FR-4 or G-10 Material ). For recommended footprint and
soldering techniques refer to application note #AN-994.
‰ Max RDS(on) for D2Pak and TO-262 (SMD) devices.
Š TO-220 device will have an Rth value of 0.45°C/W.
S
D
G
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage40
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.031
–––
V/°C
RDS(on) SMD
Static Drain-to-Source On-Resistance
–––
1.5
2.0
m
RDS(on) TO-220 Static Drain-to-Source On-Resistance
–––
1.8
2.3
VGS(th)
Gate Threshold Voltage2.0
–––
4.0
V
gfs
Forward Transconductance
130
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
160
240
nC
Qgs
Gate-to-Source Charge
–––
41
62
Qgd
Gate-to-Drain ("Miller") Charge
–––
66
99
td(on)
Turn-On Delay Time
–––
13
–––
ns
tr
Rise Time
–––
120
–––
td(off)
Turn-Off Delay Time
–––
130
–––
tf
Fall Time
–––
130
–––
LD
Internal Drain Inductance
–––
4.5
–––
nH
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
6450
–––
pF
Coss
Output Capacitance
–––
1690
–––
Crss
Reverse Transfer Capacitance
–––
840
–––
Coss
Output Capacitance
–––
5350
–––
Coss
Output Capacitance
–––
1520
–––
Coss eff.
Effective Output Capacitance
–––
2210
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
270
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
1080
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
5684ns
Qrr
Reverse Recovery Charge
–––
67
100
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = VGS, ID = 250µA
VDS = 40V, VGS = 0V
VDS = 40V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 75A f
VGS = 10V, ID = 75A
f
TJ = 25°C, IF = 75A, VDD = 20V
di/dt = 100A/µs
f
TJ = 25°C, IS = 75A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 10V
f
MOSFET symbol
VGS = 0V
VDS = 25V
VGS = 0V, VDS = 32V, ƒ = 1.0MHz
Conditions
VGS = 0V, VDS = 0V to 32V
ƒ = 1.0MHz, See Fig. 5
RG = 2.5Ω
ID = 75A
VDS = 10V, ID = 75A
VDD = 20V
ID = 75A
VGS = 20V
VGS = -20V
VDS = 32V
VGS = 10V
f


Similar Part No. - IRF2804PBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804PBF IRF-IRF2804PBF_15 Datasheet
414Kb / 12P
   Advanced Process Technology
More results

Similar Description - IRF2804PBF_10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com