Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQAF28N15 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQAF28N15
Description  150V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF28N15 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQAF28N15 Datasheet HTML 1Page - Fairchild Semiconductor FQAF28N15 Datasheet HTML 2Page - Fairchild Semiconductor FQAF28N15 Datasheet HTML 3Page - Fairchild Semiconductor FQAF28N15 Datasheet HTML 4Page - Fairchild Semiconductor FQAF28N15 Datasheet HTML 5Page - Fairchild Semiconductor FQAF28N15 Datasheet HTML 6Page - Fairchild Semiconductor FQAF28N15 Datasheet HTML 7Page - Fairchild Semiconductor FQAF28N15 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 

     
    

    !" # $%#&##'( # 
)*#+,-..Ω, / 
,0-1**-1 .2./ 
"  !"  **µ 3%(%(  4
5 %   6   # 


 





D+
 DA+ 
+-*+5-&)*µ'
()*


+
∆D+
$∆
DA+ 
 
5-&)*µ', &)9

* (6

+$9
5
E=+ 
+-()*++-*+


(
µ'
+-(&*+-()*9


(*
µ'
5
=D0A
+-&)++-*+


(**
'
5
=D0A,!
+-&)++-*+


(**
'
 
+
= + 
+-+5-&)*µ'
& *

2 *
+
,
  , 
+-(*+5-(('

* *:6
* *.

   
+-2*+5-(('

(: 6


 

5  
+-&)++-*+
-( *F#


(&)*
(:**


  

&:*
?2*


,!  

)*
:)

   

 
+-6)+5-&<'
,-&)Ω


(6
2)


,

(<*
?6*


 

(**
&(*


 

(()
&2*

G
 =
+-(&*+5-&<'
+-(*+


2*
)&

G
= 

6 .


G
=

&*


     
5
7 


&&
'
5
7;  


<<
'
+
 + 
+-*+5-&&'


( )
+

,!, !
+-*+5-&<'
5$-(**'$µ

(**


G
,!, !

* 2

µ


Similar Part No. - FQAF28N15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQAF28N15 ISC-FQAF28N15 Datasheet
420Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQAF28N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com