Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR1168STRPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR1168STRPBF
Description  DUAL SMART RECTIFIER DRIVER IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1168STRPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR1168STRPBF Datasheet HTML 7Page - International Rectifier IR1168STRPBF Datasheet HTML 8Page - International Rectifier IR1168STRPBF Datasheet HTML 9Page - International Rectifier IR1168STRPBF Datasheet HTML 10Page - International Rectifier IR1168STRPBF Datasheet HTML 11Page - International Rectifier IR1168STRPBF Datasheet HTML 12Page - International Rectifier IR1168STRPBF Datasheet HTML 13Page - International Rectifier IR1168STRPBF Datasheet HTML 14Page - International Rectifier IR1168STRPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IR1168S
www.irf.com
© 2009 International Rectifier
11
Detailed Pin Description
VCC: Power Supply
This is the supply voltage pin of the IC and it is monitored by the under voltage lockout circuit. It is possible to turn
off the IC by pulling this pin below the minimum turn off threshold voltage, without damage to the IC.
To prevent noise problems, a bypass ceramic capacitor connected to Vcc and COM should be placed as close as
possible to the IR1168. This pin is not internally clamped.
GND: Ground
This is ground potential pin of the integrated control circuit. The internal devices and gate driver are referenced to
this point.
VD1 and VD2: Drain Voltage Sense
These are the two high-voltage pins used to sense the drain voltage of the two SR power MOSFETs. Routing
between the drain of the MOSFET and the IC pin must be particularly optimized.
VS1 and VS2: Source Voltage Sense
These are the two differential sense pins for the two source pins of the two SR power MOSFETs. This pin must
not be connected directly to the GND pin (pin 7) but must be used to create a kelvin contact as close as possible
to the power MOSFET source pin.
GATE1 and GATE2: Gate Drive Outputs
These are the two gate drive outputs of the IC. The gate voltage is internally clamped and has a +1A/-4A peak
drive capability. Although this pin can be directly connected to the synchronous rectifier (SR) MOSFET gate, the
use of gate resistor is recommended (specifically when putting multiple MOSFETs in parallel). Care must be taken
in order to keep the gate loop as short and as small as possible in order to achieve optimal switching performance.


Similar Part No. - IR1168STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1168S IRF-IR1168S Datasheet
261Kb / 19P
   DUAL SMART RECTIFIER DRIVER IC
IR1168S IRF-IR1168S Datasheet
364Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
IR1168S IRF-IR1168S_15 Datasheet
364Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
More results

Similar Description - IR1168STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1168S IRF-IR1168S_15 Datasheet
364Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
IR11682S IRF-IR11682S Datasheet
313Kb / 22P
   DUAL SMART RECTIFIER DRIVER IC
IR1168S IRF-IR1168S Datasheet
261Kb / 19P
   DUAL SMART RECTIFIER DRIVER IC
logo
STMicroelectronics
STPRDC01 STMICROELECTRONICS-STPRDC01 Datasheet
90Kb / 3P
   Synchronous rectifier smart driver
March 2018 Rev 1
STRG02 STMICROELECTRONICS-STRG02 Datasheet
185Kb / 3P
   Synchronous rectifier smart driver
March 2016 Rev 1
logo
ON Semiconductor
NCN6804 ONSEMI-NCN6804 Datasheet
341Kb / 25P
   Dual Smart Card Interface IC
December, 2008 ??Rev. 1
logo
International Rectifier
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11672AS IRF-IR11672AS Datasheet
1Mb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
IR11662S IRF-IR11662S Datasheet
379Kb / 25P
   ADVANCED SMART RECTIFIER TM CONTROL IC
logo
Feeling Technology Corp...
FD128MX FEELING-FD128MX Datasheet
234Kb / 11P
   Single Phase Smart DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com