Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQAF16N50 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQAF16N50
Description  500V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF16N50 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQAF16N50 Datasheet HTML 1Page - Fairchild Semiconductor FQAF16N50 Datasheet HTML 2Page - Fairchild Semiconductor FQAF16N50 Datasheet HTML 3Page - Fairchild Semiconductor FQAF16N50 Datasheet HTML 4Page - Fairchild Semiconductor FQAF16N50 Datasheet HTML 5Page - Fairchild Semiconductor FQAF16N50 Datasheet HTML 6Page - Fairchild Semiconductor FQAF16N50 Datasheet HTML 7Page - Fairchild Semiconductor FQAF16N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
  


 ?    #
"B!   ?




-


G



 !
"

#$%&G



 '(
 ')
 '*
+$%
$+,%
-
.

'4+E4/;4H++;;+*;E;+4:E'I;E':;@4EHH+E;+4;'J
8+HE;+;448+*;+;/4'C4/4JH4+;4: '4+E4/;'H;'J
/4'C4/4J'+44:HE;'88/4'4+H;'J8+H+4+H4;+4C;E;+;4K
;4E;+;4*;J'J/4;;H;+48';+4:E+E;+4:EE;+

'4+E4/ 8+H '+;  'HE+4D; + H; ' +44'/ 8; 4 /4; H88+
;*4; + J; @4EH E; ;L8+; @+4; '88+*'/  '4+E4/ ;4H+
4;+'4'/
'M
% /! ! 
 02  "
0"2 0 2 
    
!   "   " "  B  
  N
- '     
!          "
" B    
!   !

    !
! " #$
 %$%
 #
'! 4
!4

   
 !     
 
8 
8 
  
  ""  
    !?
 !

4 
 8 
       
  !? 
 !
" 
48 
    
" "    
  


Similar Part No. - FQAF16N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQAF16N50 ISC-FQAF16N50 Datasheet
420Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQAF16N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com