Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM72016-6-DGTR Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # WM72016-6-DGTR
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

WM72016-6-DGTR Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button WM72016-6-DGTR Datasheet HTML 13Page - Cypress Semiconductor WM72016-6-DGTR Datasheet HTML 14Page - Cypress Semiconductor WM72016-6-DGTR Datasheet HTML 15Page - Cypress Semiconductor WM72016-6-DGTR Datasheet HTML 16Page - Cypress Semiconductor WM72016-6-DGTR Datasheet HTML 17Page - Cypress Semiconductor WM72016-6-DGTR Datasheet HTML 18Page - Cypress Semiconductor WM72016-6-DGTR Datasheet HTML 19Page - Cypress Semiconductor WM72016-6-DGTR Datasheet HTML 20Page - Cypress Semiconductor WM72016-6-DGTR Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
WM72016-6 – Secure F-RAM with Gen-2 RFID and Serial Port
Document Number: 001-86227 Rev. **
Page 17 of 33
Working Stored
Address Pointer
Gen-2
Memory
Bank
Gen-2
Address
Description
RESERVED
0x000 - 0X003
RESERVED - passwords
EPC
0x000 - 0x009
EPC
SERVICE
0x00A
RESERVED
SERVICE
0x00B
RESERVED
TID
0x000 - 0x003
TID
USER
0x000
RESERVED
USER
0x001
RFU
USER
0x002
Control/Status Register
USER
0x003
Working Stored Address Register: 0x03F8
USER
0x004
USER
0x005
USER
0x006
user_static_data0
USER
0x007
user_static_data1
USER
0x008
user_static_data2
USER
0x009
user_static_data3
Initial Stored Address
USER
0x00A
user_log_data[0], user_log_data[n+1]
USER
0x00B
user_log_data[1]
USER
0x00C
USER
0x00D
USER
0x00E
USER
0x00F
USER
0x010
USER
0x011
USER
0x3F7
user_log_data[n-1]

USER
0x3F8
user_log_data[n]
Figure 17. Initial Stored Address Example – Block Size = 128 words/block
The Initial Stored Address is factory-initialized with a value of 0x0006 (USER memory bank address 0x006).
SUPPORTED COMMANDS
The WM72016-6 supports the following Select, Inventory, and Access commands as described in the
EPCglobal class 1 generation 2 UHF RFID Specification. Please refer to the referenced document for detailed
descriptions of these commands.
Select
Query
QueryAdjust
QueryRep
ACK
NAK
Req_RN
Read
Write
Kill
Lock
Access
BlockWrite *
BlockPermalock


Similar Part No. - WM72016-6-DGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM72016-6-DGTR RAMTRON-WM72016-6-DGTR Datasheet
448Kb / 32P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
More results

Similar Description - WM72016-6-DGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM72016 RAMTRON-WM72016 Datasheet
448Kb / 32P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
WM71004 RAMTRON-WM71004 Datasheet
382Kb / 24P
   4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
   Direct Memory Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
logo
Hitachi Semiconductor
HD68450 HITACHI-HD68450 Datasheet
2Mb / 47P
   Direct Memory Access Controller(NMOS)
logo
Motorola, Inc
MC68440 MOTOROLA-MC68440 Datasheet
978Kb / 38P
   Dual-Channel Direct Memory Access Controller
logo
Xilinx, Inc
DS643 XILINX-DS643 Datasheet
6Mb / 216P
   Soft Direct Memory Access (SDMA) support
logo
Zilog, Inc.
Z8410 ZILOG-Z8410 Datasheet
916Kb / 25P
   Z80 DMA Direct Memory Access Controller
Z84C1008PEG ZILOG-Z84C1008PEG Datasheet
924Kb / 25P
   Z80 DMA Direct Memory Access Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com