Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM72016-6 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # WM72016-6
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

WM72016-6 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button WM72016-6 Datasheet HTML 25Page - Cypress Semiconductor WM72016-6 Datasheet HTML 26Page - Cypress Semiconductor WM72016-6 Datasheet HTML 27Page - Cypress Semiconductor WM72016-6 Datasheet HTML 28Page - Cypress Semiconductor WM72016-6 Datasheet HTML 29Page - Cypress Semiconductor WM72016-6 Datasheet HTML 30Page - Cypress Semiconductor WM72016-6 Datasheet HTML 31Page - Cypress Semiconductor WM72016-6 Datasheet HTML 32Page - Cypress Semiconductor WM72016-6 Datasheet HTML 33Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
WM72016-6 – Secure F-RAM with Gen-2 RFID and Serial Port
Document Number: 001-86227 Rev. **
Page 30 of 33
alternative package. Eventually, the alternative marking shown in Figure 28 will be phased out leaving only the
primary markings on Figure 27. Until further notice, these two distinct markings will be in circulation.
PRIMARY UDFN PACKAGE MARKING SCHEME FOR BODY SIZE 3mm X 3mm
Legend:
Line 1: XXXXX = {base part number (i.e. 72016)}
Line 2: BLLLL = {B=rev. number; LLLL=wafer lot code}
Line 3: RYYWW = {R=Ramtron, YY=year of assembly; WW = week of assembly}
Example:
72016
B0470
R1206
Figure 27: Primary package markings
ALTERNATIVE UDFN PACKAGE MARKING SCHEME FOR BODY SIZE 3mm X 3mm
Legend:
XXXXXXX= base part number (WM72016)
LLLLLLLL= lot code
R=revision, P=package (D=DFN), N=split designator (numeric)
RIC=Ramtron Int‟l Corp, YY=year, WW=work week
Example: WM72016, “Green” UDFN-8 package, Lot 0411702,
Rev B., Year 2010, Work Week 12
WM72016
0411702
BD1
RIC1012
Figure 28: Alternative package markings
XXXXXXXX
LLLLLLLL
RPN
RICYYWW
72016
0470
R1206


Similar Part No. - WM72016-6

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM72016-6-DGTR RAMTRON-WM72016-6-DGTR Datasheet
448Kb / 32P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
WM72016-6-EVAL-915-ANT RAMTRON-WM72016-6-EVAL-915-ANT Datasheet
128Kb / 2P
   Evaluation Board for 16Kbit Wireless Memory with Serial Port
More results

Similar Description - WM72016-6

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM72016 RAMTRON-WM72016 Datasheet
448Kb / 32P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
WM71004 RAMTRON-WM71004 Datasheet
382Kb / 24P
   4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
   Direct Memory Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
logo
Hitachi Semiconductor
HD68450 HITACHI-HD68450 Datasheet
2Mb / 47P
   Direct Memory Access Controller(NMOS)
logo
Motorola, Inc
MC68440 MOTOROLA-MC68440 Datasheet
978Kb / 38P
   Dual-Channel Direct Memory Access Controller
logo
Xilinx, Inc
DS643 XILINX-DS643 Datasheet
6Mb / 216P
   Soft Direct Memory Access (SDMA) support
logo
Zilog, Inc.
Z8410 ZILOG-Z8410 Datasheet
916Kb / 25P
   Z80 DMA Direct Memory Access Controller
Z84C1008PEG ZILOG-Z84C1008PEG Datasheet
924Kb / 25P
   Z80 DMA Direct Memory Access Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com