Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM72016-6 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # WM72016-6
Description  16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

WM72016-6 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button WM72016-6 Datasheet HTML 3Page - Cypress Semiconductor WM72016-6 Datasheet HTML 4Page - Cypress Semiconductor WM72016-6 Datasheet HTML 5Page - Cypress Semiconductor WM72016-6 Datasheet HTML 6Page - Cypress Semiconductor WM72016-6 Datasheet HTML 7Page - Cypress Semiconductor WM72016-6 Datasheet HTML 8Page - Cypress Semiconductor WM72016-6 Datasheet HTML 9Page - Cypress Semiconductor WM72016-6 Datasheet HTML 10Page - Cypress Semiconductor WM72016-6 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
WM72016-6 – Secure F-RAM with Gen-2 RFID and Serial Port
Document Number: 001-86227 Rev. **
Page 7 of 33
GEN2 WM72016-6 MEMORY BANKS
The RFID memory banks reside in Ramtron‟s non-volatile F-RAM memory. F-RAM brings many benefits to
the WM72016-6. The first benefit is the size of the memory itself – 16Kbit, most of which is available in the
USER memory bank.
F-RAM‟s impact on the Gen2 protocol is most dramatically seen when writing to
WM72016-6 memory. Unlike EEPROM memory, no charge pump or memory soak time is required to write
to the WM72016-6 memory resulting in zero time and zero power penalties. The write cycle is completed
immediately, allowing an interrogator to continue writing additional data to memory with no time penalty
incurred due to the memory itself. A comparison between F-RAM and EEPROM memories is shown in Figure
3. The figure shows the minimum number of Gen2 instructions required to perform a SELECT, INVENTORY,
and ACCESS sequence of commands to write a data word to memory. The same interrogator command
sequence is transmitted to the WM72016-6 and an EEPROM-based RFID. The effect of the EEPROM time
penalty is shown within the context of the protocol.
INTERROGATOR
TAG
MaxArias Write Cycle
QURY
(240u)
SELECT
(385u)
ACK
(175u)
REQRN
(345u)
EPC
(228u)
WRITE
(495u)
RN
(53u)
HANDLE
(78u)
WR_OK
(80u)
REQRN
(345u)
RN16
(78u)
EE
PR
OM
writ
e d
ela
y!
Ch
arg
e p
um
p &
EE
soa
k tim
e
EEPROM-based Write Cycle
4ms
Figure 3. Gen2 Memory Write Cycle Comparison: F-RAM vs. EEPROM Memories
RESERVED: KILL Password:
The kill password provides a mechanism to permanently disable the WM72016-6 from responding to any and
all Gen2 interrogator commands. The mandatory KILL command can be issued by a RFID interrogator in
either the OPEN or SECURED states. The WM72016-6 is permanently killed through a four-instruction
sequence of REQRN and KILL commands as detailed in the Gen2 standard. The KILL password is a 32-bit
value stored as 2 16-bit data words in reserved memory. The most significant KILL password is stored in
reserved memory bank address 0x00 with the least significant word stored in reserved memory bank address
0x01. The kill function can be permanently disabled by setting both KILL password words to 0x0000, and
permanently locking the KILL password in the reserved memory bank. Once the kill password has been set, it
should be permanently locked using the LOCK command. The WM72016-6 is shipped from the factory with
the kill password memory unlocked. The kill state of the device only affects the Gen2 RFID processor – the
DSPI serial port will continue to function normally.
RESERVED: ACCESS Password:
The access password provides a security mechanism to prevent unauthorized RFID interrogators from writing
to WM72016-6 memory. Non-zero access passwords require the WM72016-6 be placed in the SECURED
state prior to writing to it. This is accomplished through a four-instruction sequence of REQRN and ACCESS
commands as described in the Gen2 standard.
An access password with a value of zero requires no
authentication prior to writing to WM72016-6 memory. The ACCESS password is a 32-bit value stored as two


Similar Part No. - WM72016-6

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM72016-6-DGTR RAMTRON-WM72016-6-DGTR Datasheet
448Kb / 32P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
WM72016-6-EVAL-915-ANT RAMTRON-WM72016-6-EVAL-915-ANT Datasheet
128Kb / 2P
   Evaluation Board for 16Kbit Wireless Memory with Serial Port
More results

Similar Description - WM72016-6

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM72016 RAMTRON-WM72016 Datasheet
448Kb / 32P
   16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
WM71004 RAMTRON-WM71004 Datasheet
382Kb / 24P
   4/8/16Kbit Secure F-RAM Memory with Gen-2 RFID Access
logo
Motorola, Inc
MC68450 MOTOROLA-MC68450 Datasheet
930Kb / 36P
   Direct Memory Access Controller
logo
Hitachi Semiconductor
HD6844 HITACHI-HD6844 Datasheet
4Mb / 33P
   Direct Memory Access Controller
logo
National Semiconductor ...
NS32203-10 NSC-NS32203-10 Datasheet
940Kb / 29P
   DIRECT MEMORY ACCESS CONTROLLER
logo
Hitachi Semiconductor
HD68450 HITACHI-HD68450 Datasheet
2Mb / 47P
   Direct Memory Access Controller(NMOS)
logo
Motorola, Inc
MC68440 MOTOROLA-MC68440 Datasheet
978Kb / 38P
   Dual-Channel Direct Memory Access Controller
logo
Xilinx, Inc
DS643 XILINX-DS643 Datasheet
6Mb / 216P
   Soft Direct Memory Access (SDMA) support
logo
Zilog, Inc.
Z8410 ZILOG-Z8410 Datasheet
916Kb / 25P
   Z80 DMA Direct Memory Access Controller
Z84C1008PEG ZILOG-Z84C1008PEG Datasheet
924Kb / 25P
   Z80 DMA Direct Memory Access Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com