Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

xr2211 Datasheet(PDF) 9 Page - Exar Corporation

Part # xr2211
Description  Evaluation System User Manual
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

xr2211 Datasheet(HTML) 9 Page - Exar Corporation

Back Button xr2211 Datasheet HTML 4Page - Exar Corporation xr2211 Datasheet HTML 5Page - Exar Corporation xr2211 Datasheet HTML 6Page - Exar Corporation xr2211 Datasheet HTML 7Page - Exar Corporation xr2211 Datasheet HTML 8Page - Exar Corporation xr2211 Datasheet HTML 9Page - Exar Corporation xr2211 Datasheet HTML 10Page - Exar Corporation xr2211 Datasheet HTML 11Page - Exar Corporation xr2211 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
XR-2206-11-12ES
9
Rev. 1.00
1
BJ1
VCC
1
BJ2
Ground
VCC
C20
0.1
µF
2
14
13
12
9
7
8
15
5
1
10
411
3
6
16
U3
XR-2212
C2
10
µF
E2
C18
0.1
µF
1
SIG INP
C15
1
VCO I OUT
1
VCO VOLT OUT
1
VCO QUAD OUTPUT
1
DEMOD OUT
C19
R26
R20
R24
R21
R23
C17
0.1
µF
R26
C14
1nF
C16
4.7nF
+
Op Amp
+
-
VCO Quad Out
VCO Current Out
Amp
VCO
Pre Amp
Phase
Detector
Internal
Reference
Date:
October 12, 1994
Size: Document Number:
Rev:
A
DB2212.SCH
1.0
Title:
Fremont, CA 94538
EXAR CORPORATION
48720 Kato Road
Sheet 2 of 3
Figure 4. XR-2212 Demo Board
Demo Board for 2206-11-12


Similar Part No. - xr2211

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR2211 EXAR-XR2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
More results

Similar Description - xr2211

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
   Evaluation Kit User Manual
EV6020 CMLMICRO-EV6020 Datasheet
931Kb / 13P
   Evaluation Kit User Manual
EV6040 CMLMICRO-EV6040 Datasheet
902Kb / 13P
   Evaluation Kit User Manual
logo
Teridian Semiconductor ...
73M1966B TERIDIAN-73M1966B_V01 Datasheet
345Kb / 18P
   Evaluation Kit User Manual
March 19, 2009 Rev. 1.0
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
SiTime Corp.
SIT6722EB SITIME-SIT6722EB Datasheet
534Kb / 8P
   SiT6722EB Evaluation Board User Manual
Rev 2.02
logo
Analog Devices
AN5263 AD-AN5263 Datasheet
1Mb / 26P
   78M6631 Evaluation Board User Manual
logo
Winbond
ES521 WINBOND-ES521 Datasheet
617Kb / 15P
   Winbond ES521 Evaluation System User Guide
logo
Teridian Semiconductor ...
78M6612-EVM-1 TERIDIAN-78M6612-EVM-1 Datasheet
2Mb / 36P
   78M6612 AC-PMON Evaluation Board User Manual
February 1, 2010 Rev. 1.1
logo
Winbond
W6810 WINBOND-W6810_1 Datasheet
597Kb / 16P
   Codec Evaluation System User?셲 Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com