Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17V358IB-0A-EVB Datasheet(PDF) 11 Page - Exar Corporation

Part # XR17V358IB-0A-EVB
Description  HIGH PERFORMANCE OCTAL PCI EXPRESS UART
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17V358IB-0A-EVB Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR17V358IB-0A-EVB Datasheet HTML 7Page - Exar Corporation XR17V358IB-0A-EVB Datasheet HTML 8Page - Exar Corporation XR17V358IB-0A-EVB Datasheet HTML 9Page - Exar Corporation XR17V358IB-0A-EVB Datasheet HTML 10Page - Exar Corporation XR17V358IB-0A-EVB Datasheet HTML 11Page - Exar Corporation XR17V358IB-0A-EVB Datasheet HTML 12Page - Exar Corporation XR17V358IB-0A-EVB Datasheet HTML 13Page - Exar Corporation XR17V358IB-0A-EVB Datasheet HTML 14Page - Exar Corporation XR17V358IB-0A-EVB Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
XR17V358
11
REV. 1.0.4
HIGH PERFORMANCE OCTAL PCI EXPRESS UART
TABLE 1: PCI LOCAL BUS CONFIGURATION SPACE REGISTERS
ADDRESS
OFFSET
BITS
TYPE
DESCRIPTION
RESET VALUE
(HEX OR BINARY)
0x00
31:16
EWR
Device ID - No slave device on expansion interface
Device ID - XR17V358 slave device on expansion interface
Device ID - XR17V354 slave device on expansion interface
0x0358
0x8358
0x4358
15:0
EWR
Vendor ID (Exar) specified by PCISIG
0x13A8
0x04
31
30
RWC
RWC
Parity error detected. Cleared by writing a logic 1.
System error detected. Cleared by writing a logic 1.
0b
0b
29:28
RO
Unused
00b
27
RO
Target Abort.
0b
26:25
RO
DEVSEL# timing.
00b
24
RO
Unemployments bus master error reporting bit
0b
23
RO
Fast back to back transactions are supported
0b
22
RO
Reserved Status bit
0b
21
RO
66MHz capable
0b
20
RO
Capabilities List
1b
19:16
RO
Reserved Status bits
0000b
15:11,
9,7, 5,
4, 3, 2
RO
Command bits (reserved)
0x0000
10
RWR
This bit disables the device from asserting INTx#. logic 1 = dis-
able assertion of INTx# and logic 0 = enables assertion of INTx#
0b
8
RWR
SERR# driver enable. logic 1=enable driver and 0=disable driver
0b
6
RWR
Parity error enable. logic 1=respond to parity error and 0=ignore
0b
1
RWR
Command controls a device’s response to mem space accesses:
0=disable mem space accesses, 1=enable mem space accesses
0b
0
RO
Device’s response to I/O space accesses is disabled.
(0 = disable I/O space accesses)
0b
0x08
31:8
EWR
Class Code (Default is ’Simple 550 Communication Controller’)
0x070002
7:0
RO
Revision ID (Exar device revision number)
Current Rev. value
0x0C
31:24
RO
BIST (Built-in Self Test)
0x00
23:16
RO
Header Type (a single function device with one BAR)
0x00
15:8
RO
Unimplemented Latency Timer (needed only for bus master)
0x00
7:0
RO
Unimplemented Cache Line Size
0x00
0x10
31:14
RWR
Memory Base Address Register (BAR0)
0x00000
13:0
RO
Claims an 16K address space for the memory mapped UARTs
including the UARTs on the expansion interface.
0x0000


Similar Part No. - XR17V358IB-0A-EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V358IB176-F EXAR-XR17V358IB176-F Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
More results

Similar Description - XR17V358IB-0A-EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17V358 EXAR-XR17V358 Datasheet
1Mb / 68P
   HIGH PERFORMANCE OCTAL PCI EXPRESS UART
XR17V352 EXAR-XR17V352 Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V352IB-0A-EVB EXAR-XR17V352IB-0A-EVB Datasheet
1Mb / 64P
   HIGH PERFORMANCE DUAL PCI EXPRESS UART
XR17V354IB-E4-EVB EXAR-XR17V354IB-E4-EVB Datasheet
1Mb / 67P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
XR17V354 EXAR-XR17V354 Datasheet
1Mb / 66P
   HIGH PERFORMANCE QUAD PCI-EXPRESS UART
XR16L788 EXAR-XR16L788 Datasheet
557Kb / 42P
   HIGH PERFORMANCE OCTAL UART
logo
Oxford Semiconductor
OX16PCI958 OXFORD-OX16PCI958 Datasheet
410Kb / 46P
   Octal UART with PCI Interface
logo
Exar Corporation
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
logo
C-Media Electronics
CM8888 CMEDIA-CM8888 Datasheet
482Kb / 25P
   High-Performance PCI Express Audio Processor
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com