Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM33256B Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # FM33256B
Description  3V Integrated Processor Companion with F-RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM33256B Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FM33256B Datasheet HTML 5Page - Cypress Semiconductor FM33256B Datasheet HTML 6Page - Cypress Semiconductor FM33256B Datasheet HTML 7Page - Cypress Semiconductor FM33256B Datasheet HTML 8Page - Cypress Semiconductor FM33256B Datasheet HTML 9Page - Cypress Semiconductor FM33256B Datasheet HTML 10Page - Cypress Semiconductor FM33256B Datasheet HTML 11Page - Cypress Semiconductor FM33256B Datasheet HTML 12Page - Cypress Semiconductor FM33256B Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
FM33256B SPI Companion w/ FRAM
Document Number: 001-86213 Rev. **
Page 9 of 30
Figure 9. Real-time Clock Core Block Diagram
Backup Power
The real-time clock/calendar is intended to be
permanently powered. When the primary system
power fails, the voltage on the VDD pin will drop.
When VDD is less 2.5V, the RTC (and event counters)
will switch to the backup power supply on VBAK. The
clock operates at extremely low current in order to
maximize battery or capacitor life. However, an
advantage of combining a clock function with FRAM
memory is that data is not lost regardless of the
backup power source.
The IBAK current varies with temperature and voltage
(see DC parametric table). Figure 10 shows IBAK as a
function of VBAK. These curves are useful for
calculating backup time when a capacitor is used as
the VBAK source.
The minimum VBAK voltage varies linearly with
temperature. The user can expect the minimum VBAK
voltage to be 1.23V at +85°C and 1.90V at -40°C.
The tested limit is 1.55V at +25°C.
Figure 10. IBAK vs. VBAK Voltage
Figure 11. VBAK (min.) vs Temperature
Note: The minimum VBAK voltage has been
characterized at -40°C and +85°C but is not
100% tested.
32.768 kHz
crystal
Oscillator
Clock
Divider
Update
Logic
512 Hz or
SW out
W
R
Seconds
7 bits
Minutes
7 bits
Hours
6 bits
Date
6 bits
Months
5 bits
Years
8 bits
CF
Days
3 bits
User Registers
1 Hz
/OSCEN


Similar Part No. - FM33256B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM33256B RAMTRON-FM33256B Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
logo
Cypress Semiconductor
FM33256B CYPRESS-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM33256B-G RAMTRON-FM33256B-G Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM33256B-GTR RAMTRON-FM33256B-GTR Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
More results

Similar Description - FM33256B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Cypress Semiconductor
FM33256B CYPRESS-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L276 CYPRESS-FM31L276 Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
FM3164-GTR CYPRESS-FM3164-GTR Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com