Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM28V020-SG Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # FM28V020-SG
Description  256Kbit Bytewide F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V020-SG Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button FM28V020-SG Datasheet HTML 5Page - Cypress Semiconductor FM28V020-SG Datasheet HTML 6Page - Cypress Semiconductor FM28V020-SG Datasheet HTML 7Page - Cypress Semiconductor FM28V020-SG Datasheet HTML 8Page - Cypress Semiconductor FM28V020-SG Datasheet HTML 9Page - Cypress Semiconductor FM28V020-SG Datasheet HTML 10Page - Cypress Semiconductor FM28V020-SG Datasheet HTML 11Page - Cypress Semiconductor FM28V020-SG Datasheet HTML 12Page - Cypress Semiconductor FM28V020-SG Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
FM28V020 - 32Kx8 F-RAM
Document Number: 001-86204 Rev. *A
Page 9 of 16
Data Retention (VDD = 2.0V to 3.6V, +85 C)
Parameter
Min
Max
Units
Notes
Data Retention
10
-
Years
Capacitance (TA = 25 C , f=1 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CI/O
Input/Output Capacitance (DQ)
-
8
pF
1
CIN
Input Capacitance
-
6
pF
1
Notes
1.
This parameter is characterized and not 100% tested.
AC Test Conditions
Input Pulse Levels
0 to 3V
Input rise and fall times
3 ns
Input and output timing levels
1.5V
Output Load Capacitance
30 pF
Read Cycle Timing 1 (/CE low, /OE low)
A(14:0)
DQ(7:0)
tRC
tOH
tAA
tOH
Read Cycle Timing 2 (/CE-controlled)
A(14:0)
OE
DQ(7:0)
tAS
tCE
tCA
tPC
tOE
tOHZ
tHZ
tAH
CE


Similar Part No. - FM28V020-SG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020-SG RAMTRON-FM28V020-SG Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-SG RAMTRON-FM28V020-SG Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-SGTR RAMTRON-FM28V020-SGTR Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-SGTR RAMTRON-FM28V020-SGTR Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
More results

Similar Description - FM28V020-SG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com