Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25H20-G Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # FM25H20-G
Description  2Mb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25H20-G Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button FM25H20-G Datasheet HTML 7Page - Cypress Semiconductor FM25H20-G Datasheet HTML 8Page - Cypress Semiconductor FM25H20-G Datasheet HTML 9Page - Cypress Semiconductor FM25H20-G Datasheet HTML 10Page - Cypress Semiconductor FM25H20-G Datasheet HTML 11Page - Cypress Semiconductor FM25H20-G Datasheet HTML 12Page - Cypress Semiconductor FM25H20-G Datasheet HTML 13Page - Cypress Semiconductor FM25H20-G Datasheet HTML 14Page - Cypress Semiconductor FM25H20-G Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
FM25H20 - 2Mb SPI FRAM
Document Number: 001-85935 Rev. *A
Page 11 of 16
AC Parameters (TA = -40 C to + 85 C, VDD = 2.7V to 3.6V, CL = 30pF)
Symbol
Parameter
Min
Max
Units
Notes
fCK
C Clock Frequency
0
40
MHz
tCH
Clock High Time
11
ns
1
tCL
Clock Low Time
11
ns
1
tSU
Chip Select Setup
10
ns
tSH
Chip Select Hold
10
ns
tOD
Output Disable Time
12
ns
2
tODV
Output Data Valid Time
9
tOH
Output Hold Time
0
ns
tD
Deselect Time
40
ns
tR
Data In Rise Time
50
ns
2,3
tF
Data In Fall Time
50
ns
2,3
tSU
Data Setup Time
5
ns
tH
Data Hold Time
5
ns
tHS
/HOLD Setup Time
10
ns
tHH
/HOLD Hold Time
10
ns
tHZ
/HOLD Low to Hi-Z
20
ns
2
tLZ
/HOLD High to Data Active
20
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2.
This parameter is characterized but not 100% tested.
3.
Rise and fall times measured between 10% and 90% of waveform.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
3 ns
Input and output timing levels
0.5 VDD
Output Load Capacitance
30 pF
Capacitance (TA = 25 C, f=1.0 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CO
Output Capacitance (Q)
-
8
pF
1
CI
Input Capacitance
-
6
pF
1
Notes
1.
This parameter is characterized and not 100% tested.
Data Retention (TA = -40 C to +85 C)
Symbol
Parameter
Min
Units
Notes
TDR
Data Retention
10
Years


Similar Part No. - FM25H20-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25H20-G RAMTRON-FM25H20-G Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
FM25H20-GTR RAMTRON-FM25H20-GTR Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
More results

Similar Description - FM25H20-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25H20 RAMTRON-FM25H20 Datasheet
342Kb / 15P
   2Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com