Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6101ACMS8TRPBF Datasheet(PDF) 1 Page - Linear Dimensions Semiconductor

Part # LTC6101ACMS8TRPBF
Description  High Voltage, High-Side Current Sense Amplifi er in SOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LTC6101ACMS8TRPBF Datasheet(HTML) 1 Page - Linear Dimensions Semiconductor

  LTC6101ACMS8TRPBF Datasheet HTML 1Page - Linear Dimensions Semiconductor LTC6101ACMS8TRPBF Datasheet HTML 2Page - Linear Dimensions Semiconductor LTC6101ACMS8TRPBF Datasheet HTML 3Page - Linear Dimensions Semiconductor LTC6101ACMS8TRPBF Datasheet HTML 4Page - Linear Dimensions Semiconductor LTC6101ACMS8TRPBF Datasheet HTML 5Page - Linear Dimensions Semiconductor LTC6101ACMS8TRPBF Datasheet HTML 6Page - Linear Dimensions Semiconductor LTC6101ACMS8TRPBF Datasheet HTML 7Page - Linear Dimensions Semiconductor LTC6101ACMS8TRPBF Datasheet HTML 8Page - Linear Dimensions Semiconductor LTC6101ACMS8TRPBF Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC6101/LTC6101HV
1
6101fh
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Voltage,
High-Side Current Sense
Amplifier in SOT-23
TO μP
6101 TA01
LTC2433-1
LTC6101HV
ROUT
4.99k
RIN
100Ω
VOUT
V+
V
OUT
–IN
+IN
VSENSE
ILOAD
5V TO 105V
1μF
5V
L
O
A
D
+
+
VOUT =
• VSENSE = 49.9VSENSE
ROUT
RIN
16-Bit Resolution Unidirectional Output into LTC2433 ADC
Step Response
5.5V
5V
0.5V
0V
500ns/DIV
6101 TA01b
TA = 25°C
V
+ = 12V
RIN = 100
ROUT = 5k
VSENSE
+ = V+
VOUT
VSENSE
ΔVSENSE
= 100mV
IOUT = 100μA
IOUT = 0
The LTC®6101/LTC6101HV are versatile, high voltage, high
side current sense amplifiers. Design flexibility is provided
by the excellent device characteristics; 300μV Max offset
and only 375μA (typical at 60V) of current consumption.
The LTC6101 operates on supplies from 4V to 60V and
LTC6101HV operates on supplies from 5V to 100V.
The LTC6101 monitors current via the voltage across an
external sense resistor (shunt resistor). Internal circuitry
converts input voltage to output current, allowing for a
small sense signal on a high common mode voltage to
be translated into a ground referenced signal. Low DC
offset allows the use of a small shunt resistor and large
gain-setting resistors. As a result, power loss in the shunt
is reduced.
The wide operating supply range and high accuracy make
the LTC6101 ideal for a large array of applications from
automotive to industrial and power management. A maxi-
mum input sense voltage of 500mV allows a wide range
of currents to be monitored. The fast response makes the
LTC6101 the perfect choice for load current warnings and
shutoff protection control. With very low supply current,
the LTC6101 is suitable for power sensitive applications.
The LTC6101 is available in 5-lead SOT-23 and 8-lead
MSOP packages.
n Current Shunt Measurement
n Battery Monitoring
n Remote Sensing
n Power Management
n Supply Range:
5V to 100V, 105V Absolute Maximum (LTC6101HV)
4V to 60V, 70V Absolute Maximum (LTC6101)
n Low Offset Voltage: 300μV Max
n Fast Response: 1μs Response Time (0V to 2.5V on
a 5V Output Step)
n Gain Configurable with 2 Resistors
n Low Input Bias Current: 170nA Max
n PSRR: 118dB Min
n Output Current: 1mA Max
n Low Supply Current: 250μA, VS = 12V
n Specified Temperature Range: –40°C to 125°C
n Operating Temperature Range: –55°C to 125°C
n Low Profile (1mm) SOT-23 (ThinSOT™) Package
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.


Similar Part No. - LTC6101ACMS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101ACMS8 LINER-LTC6101ACMS8 Datasheet
330Kb / 20P
   High Voltage, High-Side Current Sense Amplifier in SOT-23
LTC6101ACMS8 LINER-LTC6101ACMS8 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
More results

Similar Description - LTC6101ACMS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6104 LINER-LTC6104 Datasheet
309Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifi er
LTC6101 LINER-LTC6101 Datasheet
330Kb / 20P
   High Voltage, High-Side Current Sense Amplifier in SOT-23
LT6107 LINER-LT6107_15 Datasheet
289Kb / 12P
   High Temperature High Side Current Sense Amp in SOT-23
LT6107 LINER-LT6107 Datasheet
284Kb / 12P
   High Temperature High Side Current Sense Amp in SOT-23
LT6106 LINER-LT6106 Datasheet
244Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com