Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3031-BZXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYUSB3031-BZXC
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3031-BZXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYUSB3031-BZXC Datasheet HTML 7Page - Cypress Semiconductor CYUSB3031-BZXC Datasheet HTML 8Page - Cypress Semiconductor CYUSB3031-BZXC Datasheet HTML 9Page - Cypress Semiconductor CYUSB3031-BZXC Datasheet HTML 10Page - Cypress Semiconductor CYUSB3031-BZXC Datasheet HTML 11Page - Cypress Semiconductor CYUSB3031-BZXC Datasheet HTML 12Page - Cypress Semiconductor CYUSB3031-BZXC Datasheet HTML 13Page - Cypress Semiconductor CYUSB3031-BZXC Datasheet HTML 14Page - Cypress Semiconductor CYUSB3031-BZXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 11 of 50
32-kHz Watchdog Timer Clock Input
FX3S includes a watchdog timer. The watchdog timer can be
used to interrupt the ARM926EJ-S core, automatically wake up
the FX3S in Standby mode, and reset the ARM926EJ-S core.
The watchdog timer runs a 32-kHz clock, which may be
optionally supplied from an external source on a dedicated FX3S
pin.
The firmware can disable the watchdog timer.
Requirements for the optional 32-kHz clock input are listed in
Table 5.
Power
FX3S has the following power supply domains:
IO_VDDQ: This is a group of independent supply domains for
digital I/Os. The voltage level on these supplies is 1.8 V to 3.3 V.
FX3S provides six independent supply domains for digital I/Os
listed as follows (see Pin Description on page 16 for details on
each of the power domain signals):
VIO1: GPIF II I/O
VIO2: S0-Port Supply
VIO3: S1-Port Supply
VIO4: S1-Port and Low Speed Peripherals (UART/SPI/I2S)
Supply
VIO5: I2C and JTAG (supports 1.2 V to 3.3 V)
CVDDQ: Clock
VDD: This is the supply voltage for the logic core. The nominal
supply-voltage level is 1.2 V. This supplies the core logic
circuits. The same supply must also be used for the following:
• AVDD: This is the 1.2-V supply for the PLL, crystal oscilla-
tor, and other core analog circuits
• U3TXVDDQ/U3RXVDDQ: These are the 1.2-V supply volt-
ages for the USB 3.0 interface.
VBATT/VBUS: This is the 3.2-V to 6-V battery power supply for
the USB I/O and analog circuits. This supply powers the USB
transceiver through FX3S's internal voltage regulator. VBATT
is internally regulated to 3.3 V.
Table 4. FX3S Input Clock Specifications
Parameter
Description
Specification
Units
Min
Max
Phase noise
100-Hz offset
–75
dB
1- kHz offset
–104
dB
10-kHz offset
–120
dB
100-kHz offset
–128
dB
1-MHz offset
–130
dB
Maximum frequency deviation
150
ppm
Duty cycle
30
70
%
Overshoot
3
%
Undershoot
–3
%
Rise time/fall time
3
ns
Table 5. 32-kHz Clock Input Requirements
Parameter
Min
Max
Units
Duty cycle
40
60
%
Frequency deviation
±200
ppm
Rise time/fall time
200
ns


Similar Part No. - CYUSB3031-BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3031-BZXC CYPRESS-CYUSB3031-BZXC Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
More results

Similar Description - CYUSB3031-BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
   EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
logo
Cypress Semiconductor
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
   EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
905Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3KIT-001 CYPRESS-CYUSB3KIT-001 Datasheet
9Mb / 4P
   CYUSB3KIT-001 EZ-USB짰 FX3
Rev.*D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com