Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3014-FBXCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYUSB3014-FBXCT
Description  EZ-USB짰 FX3: SuperSpeed USB Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014-FBXCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYUSB3014-FBXCT Datasheet HTML 1Page - Cypress Semiconductor CYUSB3014-FBXCT Datasheet HTML 2Page - Cypress Semiconductor CYUSB3014-FBXCT Datasheet HTML 3Page - Cypress Semiconductor CYUSB3014-FBXCT Datasheet HTML 4Page - Cypress Semiconductor CYUSB3014-FBXCT Datasheet HTML 5Page - Cypress Semiconductor CYUSB3014-FBXCT Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014-FBXCT Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014-FBXCT Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014-FBXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
CYUSB301X
EZ-USB® FX3: SuperSpeed USB Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
• 408-943-2600
Document Number: 001-52136 Rev. *N
Revised May 31, 2013
Features
Universal serial bus (USB) integration
USB 3.0 and USB 2.0 peripherals compliant with USB 3.0
specification 1.0
5-Gbps USB 3.0 PHY compliant with PIPE 3.0
High-speed On-The-Go (HS-OTG) host and peripheral
compliant with OTG Supplement Version 2.0
Thirty-two physical endpoints
Support for battery charging Spec 1.1 and accessory charger
adaptor (ACA) detection
General Programmable Interface (GPIF™ II)
Programmable 100-MHz GPIF II enables connectivity to a
wide range of external devices
8-, 16-, and 32-bit data bus
As many as16 configurable control signals
Fully accessible 32-bit CPU
ARM926EJ core with 200-MHz operation
512-KB or 256-KB embedded SRAM
Additional connectivity to the following peripherals
I
2C master controller at 1 MHz
I
2S master (transmitter only) at sampling frequencies of
32 kHz, 44.1 kHz, and 48 kHz
UART support of up to 4 Mbps
SPI master at 33 MHz
Selectable clock input frequencies
19.2, 26, 38.4, and 52 MHz
19.2-MHz crystal input support
Ultra low-power in core power-down mode
Less than 60 µA with VBATT on and 20 µA with VBATT off
Independent power domains for core and I/O
Core operation at 1.2 V
I
2S, UART, and SPI operation at 1.8 to 3.3 V
I
2C operation at 1.2 V
Package option
121-ball, 10- × 10-mm, 0.8-mm pitch Pb-free ball grid array
(BGA)
131-ball, 4.7- × 5.1-mm, 0.4-mm pitch wafer-level chip scale
package (WLCSP)
EZ-USB
® software and development kit (DVK) for easy code
development
Applications
Digital video camcorders
Digital still cameras
Printers
Scanners
Video capture cards
Test and measurement equipment
Surveillance cameras
Personal navigation devices
Medical imaging devices
Video IP phones
Portable media players
Industrial cameras


Similar Part No. - CYUSB3014-FBXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014-BZXC CYPRESS-CYUSB3014-BZXC Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3014-BZXC INFINEON-CYUSB3014-BZXC Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
CYUSB3014-BZXCT INFINEON-CYUSB3014-BZXCT Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3014-BZXI CYPRESS-CYUSB3014-BZXI Datasheet
905Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
CYUSB3014-BZXI CYPRESS-CYUSB3014-BZXI Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
More results

Similar Description - CYUSB3014-FBXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3KIT-001 CYPRESS-CYUSB3KIT-001 Datasheet
9Mb / 4P
   CYUSB3KIT-001 EZ-USB짰 FX3
Rev.*D
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
905Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
   EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
logo
Cypress Semiconductor
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
   EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com