Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1125CSW Datasheet(PDF) 9 Page - Linear Dimensions Semiconductor

Part # LT1125CSW
Description  Dual/Quad Low Noise, High Speed Precision Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1125CSW Datasheet(HTML) 9 Page - Linear Dimensions Semiconductor

Back Button LT1125CSW Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1125CSW Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1125CSW Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1125CSW Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1125CSW Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1125CSW Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1125CSW Datasheet HTML 11Page - Linear Dimensions Semiconductor LT1125CSW Datasheet HTML 12Page - Linear Dimensions Semiconductor LT1125CSW Datasheet HTML 13Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LT1124/LT1125
9
11245fe
TYPICAL PERFORMANCE CHARACTERISTICS
Total Harmonic Distortion and
Noise vs Output Amplitude for
Noninverting Gain
Total Harmonic Distortion and
Noise vs Output Amplitude for
Inverting Gain
Intermodulation Distortion
(CCIF Method)* vs Frequency
LT1124 and OP270
Total Harmonic Distortion
and Noise vs Frequency for
Noninverting Gain
Total Harmonic Distortion
and Noise vs Frequency for
Inverting Gain
Total Harmonic Distortion
and Noise vs Frequency for
Competitive Devices
FREQUENCY (Hz)
0.010
0.1
20
1k
10k 20k
1124/25 G22
100
0.001
0.0001
ZL = 2k/15pF
VO = 20VP-P
AV = +1, +10, +100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = +1
AV = +10
AV = +100
FREQUENCY (Hz)
0.010
0.1
20
1k
10k 20k
1124/25 G23
100
0.001
0.0001
ZL = 2k/15pF
VO = 20Vp-p
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
AV = –1
AV = –10
AV = –100
FREQUENCY (Hz)
0.010
0.1
20
1k
10k 20k
1124/25 G24
100
0.001
0.0001
ZL = 2k/15pF
VO = 20Vp-p
AV = –10
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
LT1124
OP270
OP27
OUTPUT SWING (VP-P)
0.1
1
0.3
10
30
1124/25 G25
1
0.010
0.0001
ZL = 2k/15pF
fO = 1kHz
AV = +1, +10, +100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
AV = +1
AV = +10
AV = +100
0.001
OUTPUT SWING (Vp-p)
0.1
1
0.3
10
30
1124/25 G26
1
0.010
0.0001
ZL = 2k/15pF
fO = 1kHz
AV = –1, –10, –100
MEASUREMENT BANDWIDTH
= 10Hz TO 22kHz
AV = –1
AV = –10
AV = –100
0.001
FREQUENCY (Hz)
3k
10k
20k
1124/25 G27
0.010
0.0001
ZL = 2k/15pF
f (IM) = 1kHz
fO = 13.5kHz
VO = 20Vp-p
AV = –10
MEASUREMENT BANDWIDTH
= 10Hz TO 80kHz
LT1124
0.001
OP270


Similar Part No. - LT1125CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1125CS LINER-LT1125CS Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
More results

Similar Description - LT1125CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
   Dual/Quad Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
   Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com