Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3035-BZXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CYUSB3035-BZXI
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3035-BZXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CYUSB3035-BZXI Datasheet HTML 1Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 2Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 3Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 4Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 5Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 6Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 7Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 8Page - Cypress Semiconductor CYUSB3035-BZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 5 of 50
OTG Connectivity
In OTG mode, FX3S can be configured to be an A, B, or dual-role
device. It can connect to the following:
ACA device
Targeted USB peripheral
SRP-capable USB peripheral
HNP-capable USB peripheral
OTG host
HNP-capable host
OTG device
ReNumeration
Because of FX3S's soft configuration, one chip can take on the
identities of multiple distinct USB devices.
When first plugged into USB, FX3S enumerates automatically
with the Cypress Vendor ID (0x04B4) and downloads firmware
and USB descriptors over the USB interface. The downloaded
firmware executes an electrical disconnect and connect. FX3S
enumerates again, this time as a device defined by the
downloaded information. This patented two-step process, called
ReNumeration, happens instantly when the device is plugged in.
EZ-Dtect
FX3S supports USB Charger and accessory detection
(EZ-Dtect). The charger detection mechanism complies with the
Battery Charging Specification Revision 1.1. In addition to
supporting this version of the specification, FX3S also provides
hardware support to detect the resistance values on the ID pin.
FX3S can detect the following resistance ranges:
Less than 10 Ω
Less than 1 kΩ
65 kΩ to 72 kΩ
35 kΩ to 39 kΩ
99.96 kΩ to 104.4 kΩ (102 kΩ ± 2%)
119 kΩ to 132 kΩ
Higher than 220 kΩ
431.2 kΩ to 448.8 kΩ (440 kΩ ± 2%)
FX3S's charger detects a dedicated wall charger, Host/Hub
charger, and Host/Hub.
VBUS Overvoltage Protection
The maximum input voltage on FX3S's VBUS pin is 6 V. A
charger can supply up to 9 V on VBUS. In this case, an external
overvoltage protection (OVP) device is required to protect FX3S
from damage on VBUS. Figure 4 shows the system application
diagram with an OVP device connected on VBUS. Refer to
Table 7 for the operating range of VBUS and VBATT.
Figure 4. System Diagram with OVP Device For VBUS
Carkit UART Mode
The USB interface supports the Carkit UART mode (UART over
D+/D–) for non-USB serial data transfer. This mode is based on
the CEA-936A specification.
In the Carkit UART mode, the output signaling voltage is 3.3 V.
When configured for the Carkit UART mode, TXD of UART
(output) is mapped to the D– line, and RXD of UART (input) is
mapped to the D+ line.
In the Carkit UART mode, FX3S disables the USB transceiver
and D+ and D– pins serve as pass-through pins to connect to the
UART of the host processor. The Carkit UART signals may be
routed to the GPIF II interface or to GPIO[48] and GPIO[49], as
shown in Figure 5 on page 6.
In this mode, FX3S supports a rate of up to 9600 bps.
POWER SUBSYSTEM
EZ-USB FX3S
1
8
2
3
4
5
6
7
9
VBUS
GND
SSRX-
SSRX+
SSTX-
SSTX+
D-
D+
OTG_ID
OVP device


Similar Part No. - CYUSB3035-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3035-BZXI CYPRESS-CYUSB3035-BZXI Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
More results

Similar Description - CYUSB3035-BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
   EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
logo
Cypress Semiconductor
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
   EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
905Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3KIT-001 CYPRESS-CYUSB3KIT-001 Datasheet
9Mb / 4P
   CYUSB3KIT-001 EZ-USB짰 FX3
Rev.*D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com