Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYUSB3035 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYUSB3035
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3035 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYUSB3035 Datasheet HTML 1Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 2Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3035 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
CYUSB3035
Document Number: 001-84160 Rev. *B
Page 3 of 50
Functional Overview
Cypress’s EZ-USB FX3S is the next-generation USB 3.0
peripheral controller, providing integrated and flexible features.
FX3S has a fully configurable, parallel, general programmable
interface called GPIF II, which can connect to any processor,
ASIC, or FPGA. GPIF II is an enhanced version of the GPIF in
FX2LP, Cypress’s flagship USB 2.0 product. It provides easy and
glueless
connectivity
to
popular
interfaces,
such
as
asynchronous SRAM, asynchronous and synchronous address
data multiplexed interfaces, and parallel ATA. FX3S has
integrated the USB 3.0 and USB 2.0 physical layers (PHYs)
along with a 32-bit ARM926EJ-S microprocessor for powerful
data processing and for building custom applications. It
implements an architecture that enables 185-MBps data transfer
from GPIF II to the USB interface.
FX3S features an integrated storage controller and can support
up to two independent mass storage devices on its storage ports.
It can support SD 3.0 and eMMC 4.41 memory cards. It can also
support SDIO on these ports.
An integrated USB 2.0 OTG controller enables applications in
which FX3S may serve dual roles; for example, EZ-USB FX3S
may function as an OTG Host to MSC as well as HID-class
devices. FX3S contains 512 KB or 256 KB of on-chip SRAM for
code and data. EZ-USB FX3S also provides interfaces to
connect to serial peripherals such as UART, SPI, I2C, and I2S.
FX3S comes with application development tools. The software
development kit comes with application examples for
accelerating time to market.
FX3S complies with the USB 3.0 v1.0 specification and is also
backward compatible with USB 2.0. It also complies with the
Battery Charging Specification v1.1 and USB 2.0 OTG
Specification v2.0.
Application Examples
In a typical application (see Figure 1), FX3S functions as a
coprocessor and connects to an external processor, which
manages system-level functions. Figure 2 shows a typical appli-
cation diagram when FX3S functions as the main processor.
Figure 1. EZ-USB FX3S as a Coprocessor
Note
1. Assuming that GPIF II is configured for a 16-bit data bus (available with certain part numbers; see Ordering Information on page 48), synchronous interface operating
at 100 MHz. This number also includes protocol overheads.


Similar Part No. - CYUSB3035

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3035-BZXC CYPRESS-CYUSB3035-BZXC Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB3035-BZXI CYPRESS-CYUSB3035-BZXI Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
More results

Similar Description - CYUSB3035

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
   EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
   EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
   EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
   EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
   EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
logo
Cypress Semiconductor
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
   EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
905Kb / 38P
   EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
   SuperSpeed USB Controller
2022-08-11
logo
Cypress Semiconductor
CYUSB3KIT-001 CYPRESS-CYUSB3KIT-001 Datasheet
9Mb / 4P
   CYUSB3KIT-001 EZ-USB짰 FX3
Rev.*D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com