Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29302T5-L Datasheet(PDF) 4 Page - Exar Corporation

Part # SPX29302T5-L
Description  3A Guaranteed Output Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX29302T5-L Datasheet(HTML) 4 Page - Exar Corporation

  SPX29302T5-L Datasheet HTML 1Page - Exar Corporation SPX29302T5-L Datasheet HTML 2Page - Exar Corporation SPX29302T5-L Datasheet HTML 3Page - Exar Corporation SPX29302T5-L Datasheet HTML 4Page - Exar Corporation SPX29302T5-L Datasheet HTML 5Page - Exar Corporation SPX29302T5-L Datasheet HTML 6Page - Exar Corporation SPX29302T5-L Datasheet HTML 7Page - Exar Corporation SPX29302T5-L Datasheet HTML 8Page - Exar Corporation SPX29302T5-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
S
SP
PX
X2
29
93
30
00
0/
/0
01
1/
/0
02
2
3
3A
A L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2010 Exar Corporation
4/10
Rev. 2.1.0
PIN ASSIGNMENT
Fig. 3: SPX29300/01/02 Pin Assignment
ORDERING INFORMATION
Part Number
Junction
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
SPX29300T-L-1-8
-40°C≤TJ≤+125°C
SPX29300T
18YYWWLX
3-pin
TO263
Bulk
Lead Free
SPX29300T-L-1-8/TR
-40°C≤TJ≤+125°C
SPX29300T
18YYWWLX
3-pin
TO263
500/Tape & Reel Lead Free
SPX29300T-L-2-5
-40°C≤TJ≤+125°C
SPX29300T
25YYWWLX
3-pin
TO263
Bulk
Lead Free
SPX29300T-L-2-5/TR
-40°C≤TJ≤+125°C
SPX29300T
25YYWWLX
3-pin
TO263
500/Tape & Reel Lead Free
SPX29300T-L-3-3
-40°C≤TJ≤+125°C
SPX29300T
33YYWWLX
3-pin
TO263
Bulk
Lead Free
SPX29300T-L-3-3/TR
-40°C≤TJ≤+125°C
SPX29300T
33YYWWLX
3-pin
TO263
500/Tape & Reel Lead Free
SPX29300T-L-5-0
-40°C≤TJ≤+125°C
SPX29300T
50YYWWLX
3-pin
TO263
Bulk
Lead Free
SPX29300T-L-5-0/TR
-40°C≤TJ≤+125°C
SPX29300T
50YYWWLX
3-pin
TO263
500/Tape & Reel Lead Free
SPX29301T5-L-3-3
-40°C≤TJ≤+125°C
293001T5
33YYWWLX
5-pin
TO263
Bulk
Lead Free
SPX29301T5-L-3-3/TR
-40°C≤TJ≤+125°C
293001T5
33YYWWLX
5-pin
TO263
500/Tape & Reel Lead Free
SPX29301T5-L-5-0
-40°C≤TJ≤+125°C
293001T5
50YYWWLX
5-pin
TO263
Bulk
Lead Free
SPX29301T5-L-5-0/TR
-40°C≤TJ≤+125°C
293001T5
50YYWWLX
5-pin
TO263
500/Tape & Reel Lead Free
SPX29302T5-L
-40°C≤TJ≤+125°C
29302T5
YYWWLX
5-pin
TO263
Bulk
Lead Free
SPX29302T5-L/TR
-40°C≤TJ≤+125°C
29302T5
YYWWLX
5-pin
TO263
500/Tape & Reel Lead Free
SPX29302U5-L
-40°C≤TJ≤+125°C
29302U5
YYWWLX
5-pin
TO220
Bulk
Lead Free
“YY” = Year – “WW” = Work Week – “L” = Lead Free Designator – “X” = Lot Number


Similar Part No. - SPX29302T5-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29302 SIPEX-SPX29302 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Exar Corporation
SPX29302 EXAR-SPX29302 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX29302 EXAR-SPX29302 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX29302A SIPEX-SPX29302A Datasheet
57Kb / 7P
   3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
SPX29302AT5 SIPEX-SPX29302AT5 Datasheet
57Kb / 7P
   3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
More results

Similar Description - SPX29302T5-L

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
   Guaranteed 600mA Output Current
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
   Guaranteed Output Current of 2A
logo
RICOH electronics devic...
RP108J RICOH-RP108J Datasheet
1Mb / 28P
   Output Current Min. 3A
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com