Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX29302T5-L Datasheet(PDF) 10 Page - Exar Corporation

Part # SPX29302T5-L
Description  3A Guaranteed Output Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX29302T5-L Datasheet(HTML) 10 Page - Exar Corporation

Back Button SPX29302T5-L Datasheet HTML 2Page - Exar Corporation SPX29302T5-L Datasheet HTML 3Page - Exar Corporation SPX29302T5-L Datasheet HTML 4Page - Exar Corporation SPX29302T5-L Datasheet HTML 5Page - Exar Corporation SPX29302T5-L Datasheet HTML 6Page - Exar Corporation SPX29302T5-L Datasheet HTML 7Page - Exar Corporation SPX29302T5-L Datasheet HTML 8Page - Exar Corporation SPX29302T5-L Datasheet HTML 9Page - Exar Corporation SPX29302T5-L Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
S
SP
PX
X2
29
93
30
00
0/
/0
01
1/
/0
02
2
3
3A
A L
Lo
ow
w D
Drro
op
po
ou
utt V
Vo
olltta
ag
ge
e R
Re
eg
gu
ulla
atto
orr
© 2010 Exar Corporation
10/10
Rev. 2.1.0
REVISION HISTORY
Revision
Date
Description
1.0.0
12/17/2009
Initial Release of Datasheet
2.0.0
03/31/2010
Reformat of datasheet
Inserted ESD data
Modified Dropout Voltage and Ground Current values in electrical characteristics table
Corrected typographical error in result of calculus in note 8
Removed “Gound Current vs Load Current”, “Enable Threshold vs Temperature” and
“Power Supply Rejection Ratio curves”
Updated “Dropout Voltage vs Load Current”, “Line Regulation” and “Load Regulation”
curves
Added “start Up” curve
2.1.0
10/19/2010
Corrected Adjustable Regulator Design paragraph equation
FOR FURTHER ASSISTANCE
Email:
customersupport@exar.com
Exar Technical Documentation:
http://www.exar.com/TechDoc/default.aspx?
EXAR CORPORATION
HEADQUARTERS AND SALES OFFICES
48720 Kato Road
Fremont, CA 94538 – USA
Tel.: +1 (510) 668-7000
Fax: +1 (510) 668-7030
www.exar.com
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve
design, performance or reliability. EXAR Corporation assumes no responsibility for the use of any circuits described herein,
conveys no license under any patent or other right, and makes no representation that the circuits are free of patent
infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a
user’s specific application. While the information in this publication has been carefully checked; no responsibility, however,
is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its
safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation receives, in
writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all
such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.


Similar Part No. - SPX29302T5-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29302 SIPEX-SPX29302 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Exar Corporation
SPX29302 EXAR-SPX29302 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX29302 EXAR-SPX29302 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX29302A SIPEX-SPX29302A Datasheet
57Kb / 7P
   3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
SPX29302AT5 SIPEX-SPX29302AT5 Datasheet
57Kb / 7P
   3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
More results

Similar Description - SPX29302T5-L

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
   Guaranteed 600mA Output Current
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
   Guaranteed Output Current of 2A
logo
RICOH electronics devic...
RP108J RICOH-RP108J Datasheet
1Mb / 28P
   Output Current Min. 3A
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
logo
IK Semicon Co., Ltd
IK5302 IKSEMICON-IK5302 Datasheet
855Kb / 14P
   3A continuous output current
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com