Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM431BCM3 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM431BCM3
Description  LM431 Adjustable Precision Zener Shunt Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM431BCM3 Datasheet(HTML) 2 Page - Texas Instruments

  LM431BCM3 Datasheet HTML 1Page - Texas Instruments LM431BCM3 Datasheet HTML 2Page - Texas Instruments LM431BCM3 Datasheet HTML 3Page - Texas Instruments LM431BCM3 Datasheet HTML 4Page - Texas Instruments LM431BCM3 Datasheet HTML 5Page - Texas Instruments LM431BCM3 Datasheet HTML 6Page - Texas Instruments LM431BCM3 Datasheet HTML 7Page - Texas Instruments LM431BCM3 Datasheet HTML 8Page - Texas Instruments LM431BCM3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM431
SNVS020G – MAY 2000 – REVISED APRIL 2013
www.ti.com
DC Test Circuits
Note:
VZ = VREF (1 + R1/R2) + IREF• R1
Figure 4. Test Circuit for VZ = VREF
Figure 5. Test Circuit for VZ > VREF
Figure 6. Test Circuit for Off-State Current
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
Industrial (LM431xI)
−40°C to +85°C
Commercial (LM431xC)
0°C to +70°C
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C (lead temp.)
Cathode Voltage
37V
Continuous Cathode Current
−10 mA to +150 mA
Reference Voltage
−0.5V
Reference Input Current
10 mA
Internal Power Dissipation(3)(4)
TO-92 Package
0.78W
SOIC Package
0.81W
SOT-23 Package
0.28W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
TJ Max = 150°C.
(4)
Ratings apply to ambient temperature at 25°C. Above this temperature, derate the TO-92 at 6.2 mW/°C, the SOIC at 6.5 mW/°C, the
SOT-23 at 2.2 mW/°C.
Operating Conditions
Min
Max
Cathode Voltage
VREF
37V
Cathode Current
1.0 mA
100 mA
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM431


Similar Part No. - LM431BCM3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM431BCM3 NSC-LM431BCM3 Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
LM431BCM3 NSC-LM431BCM3 Datasheet
870Kb / 13P
   Adjustable Precision Zener Shunt Regulator
logo
Texas Instruments
LM431BCM3 TI1-LM431BCM3 Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
LM431BCM3 TI1-LM431BCM3 Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
logo
National Semiconductor ...
LM431BCM3N1D NSC-LM431BCM3N1D Datasheet
380Kb / 12P
   Adjustable Precision Zener Shunt Regulator
More results

Similar Description - LM431BCM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM431 TI-LM431_15 Datasheet
1Mb / 23P
[Old version datasheet]   LM431 Adjustable Precision Zener Shunt Regulator
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com