Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2672LD-12 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2672LD-12
Description  Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2672LD-12 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2672LD-12 Datasheet HTML 7Page - Texas Instruments LM2672LD-12 Datasheet HTML 8Page - Texas Instruments LM2672LD-12 Datasheet HTML 9Page - Texas Instruments LM2672LD-12 Datasheet HTML 10Page - Texas Instruments LM2672LD-12 Datasheet HTML 11Page - Texas Instruments LM2672LD-12 Datasheet HTML 12Page - Texas Instruments LM2672LD-12 Datasheet HTML 13Page - Texas Instruments LM2672LD-12 Datasheet HTML 14Page - Texas Instruments LM2672LD-12 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TI Confidential - NDA Restrictions
LM2731
www.ti.com
SNVS217F – MAY 2004 – REVISED NOVEMBER 2012
FEED-FORWARD COMPENSATION
Although internally compensated, the feed-forward capacitor Cf is required for stability (see Figure 29). Adding
this capacitor puts a zero in the loop response of the converter. The recommended frequency for the zero fz
should be approximately 6 kHz. Cf can be calculated using the formula:
Cf = 1 / (2 X
π X R1 X fz)
(1)
SELECTING DIODES
The external diode used in the typical application should be a Schottky diode. A 20V diode such as the
MBR0520 is recommended.
The MBR05XX series of diodes are designed to handle a maximum average current of 0.5A. For applications
exceeding 0.5A average but less than 1A, a Microsemi UPS5817 can be used.
LAYOUT HINTS
High frequency switching regulators require very careful layout of components in order to get stable operation
and low noise. All components must be as close as possible to the LM2731 device. It is recommended that a 4-
layer PCB be used so that internal ground planes are available.
As an example, a recommended layout of components is shown:
Figure 28. Recommended PCB Component Layout
Some additional guidelines to be observed:
1. Keep the path between L1, D1, and C2 extremely short. Parasitic trace inductance in series with D1 and C2
will increase noise and ringing.
2. The feedback components R1, R2 and CF must be kept close to the FB pin of U1 to prevent noise injection
on the FB pin trace.
3. If internal ground planes are available (recommended) use vias to connect directly to ground at pin 2 of U1,
as well as the negative sides of capacitors C1 and C2.
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the external resistors R1 and R2 (see Figure 29). A minimum value of 13.3 k
Ω is
recommended for R2 to establish a divider current of approximately 92 µA. R1 is calculated using the formula:
R1 = R2 X (VOUT/1.23 − 1)
(2)
Copyright © 2004–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2731


Similar Part No. - LM2672LD-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672LD-12 NSC-LM2672LD-12 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672LD-12 NSC-LM2672LD-12 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672LD-12 NSC-LM2672LD-12 Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
More results

Similar Description - LM2672LD-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672EP NSC-LM2672EP Datasheet
525Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com