Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317LCD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM317LCD
Description  3-TERMINAL ADJUSTABLE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LCD Datasheet(HTML) 3 Page - Texas Instruments

  LM317LCD Datasheet HTML 1Page - Texas Instruments LM317LCD Datasheet HTML 2Page - Texas Instruments LM317LCD Datasheet HTML 3Page - Texas Instruments LM317LCD Datasheet HTML 4Page - Texas Instruments LM317LCD Datasheet HTML 5Page - Texas Instruments LM317LCD Datasheet HTML 6Page - Texas Instruments LM317LCD Datasheet HTML 7Page - Texas Instruments LM317LCD Datasheet HTML 8Page - Texas Instruments LM317LCD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM317L
www.ti.com
SLCS144D
– JULY 2004 – REVISED OCTOBER 2011
Absolute Maximum Ratings
(1)
over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
Vl – VO
Input-to-output differential voltage
35
V
D package(3)
97.1
LP package(3)
139.5
θJA
Package thermal impedance(2)
°C/W
PK package(4)
51.5
PW package(3)
149.4
TJ
Operating virtual-junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
The package thermal impedance is calculated in accordance with JESD 51-5.
Recommended Operating Conditions
MIN
MAX
UNIT
VI – VO
Input-to-output voltage differential
35
V
IO
Output current
2.5
100
mA
LM317LC
0
125
TJ
Operating virtual-junction temperature
°C
LM317LI
–40
125
Electrical Characteristics
over recommended operating virtual-junction temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
TJ = 25°C
0.01
0.02
Input voltage regulation(2)
VI – VO = 5 V to 35 V
%V
IO = 2.5 mA to 100 mA
0.02
0.05
VO = 10 V,
f = 120 Hz
65
Ripple regulation
dB
VO = 10 V,
66
80
10-
μF capacitor between ADJUSTMENT and ground
VO ≤ 5 V
25
mV
VI = 5 V to 35 V, TJ = 25°C,
IO = 2.5 mA to 100 mA,
VO ≥ 5 V
5
mV/V
Output voltage regulation
VO ≤ 5 V
50
mV
VI = 5 V to 35 V,
IO = 2.5 mA to 100 mA
VO ≥ 5 V
10
mV/V
Output voltage change with temperature
TJ = 0°C to 125°C
10
mV/V
Output voltage long-term drift
After 1000 hours at TJ = 125°C and VI – VO = 35 V
3
10
mV/V
Output noise voltage
f = 10 Hz to 10 kHz,
TJ = 25°C
30
μV/V
Minimum output current to maintain regulation
VI – VO = 35 V
1.5
2.5
mA
Peak output current
VI – VO ≤ 35 V
100
200
mA
ADJUSTMENT current
50
100
μA
Change in ADJUSTMENT current
VI – VO = 2.5 V to 35 V,
IO = 2.5 mA to 100 mA
0.2
5
μA
VI – VO = 5 V to 35 V,
IO = 2.5 mA to 100 mA,
Reference voltage (output to ADJUSTMENT)
1.2
1.25
1.3
V
P
≤ rated dissipation
(1)
Unless otherwise noted, these specifications apply for the following test conditions: VI – VO = 5 V and IO = 40 mA. Pulse-testing
techniques must be used that maintain the junction temperature as close to the ambient temperature as possible. All characteristics are
measured with a 0.1-
μF capacitor across the input and a 1-μF capacitor across the output.
(2)
Input voltage regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
Copyright
© 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): LM317L


Similar Part No. - LM317LCD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317LCD TI-LM317LCD Datasheet
278Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LCD TI1-LM317LCD Datasheet
1Mb / 29P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317LCDR TI-LM317LCDR Datasheet
278Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LCDR TI1-LM317LCDR Datasheet
1Mb / 29P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317LCDRE4 TI1-LM317LCDRE4 Datasheet
1Mb / 29P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Similar Description - LM317LCD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com